Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2705G Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 4 Page - RF Micro Devices

  RF2705G Datasheet HTML 1Page - RF Micro Devices RF2705G Datasheet HTML 2Page - RF Micro Devices RF2705G Datasheet HTML 3Page - RF Micro Devices RF2705G Datasheet HTML 4Page - RF Micro Devices RF2705G Datasheet HTML 5Page - RF Micro Devices RF2705G Datasheet HTML 6Page - RF Micro Devices RF2705G Datasheet HTML 7Page - RF Micro Devices RF2705G Datasheet HTML 8Page - RF Micro Devices RF2705G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
5-116
RF2705G
Rev A0 060206
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Performance with Modulated Baseband Inputs
W-CDMA Mode
Mode=Wideband FLOx2 (see Control Logic Truth Table for Mode Control Settings)
Output Power
VCC=2.7V, T=+25°C, while meeting 48dBc
ALCR
Maximum Output Power with
W-CDMA Modulated Signal*
High Power Mode
3
6
dBm
GC=2.0V
Medium Power Mode
-4
-1
dBm
GC=1.5V
Gain Range
Difference between output power at
GC=2.0V and GC=0.2V.
High Power Mode
90
dB
Gain Step
Gain step when switching between power
modes in either direction.
High Power to Medium Power
±0.5
dB
GC=1.4V
Medium Power to Low Power
TBD
dB
GC=TBD
Out-of-Band Emission
Adjacent Channel Leakage
Power Ratio (ALCR)*
Channel Spacing
±5MHz
50
dBc
3.84MHz relative to channel power
±10MHz
65
dBc
3.84MHz relative to channel power
Error Vector Magnitude
RMS*
1.4
%rms
3GPP W-CDMA
Output Noise
At FC±40MHz*
-152
-146
dBc/Hz
GC=2.0V
-146
dBc/Hz
GC=2.0V to 1.5V
General Conditions
Local Oscillator
LO LB Input Frequency
960
990
MHz
RF WB Output Frequency
1920
1980
MHz
Input Power
-10.0
0.0
+3.0
dBm
IQ Baseband Inputs
3GPP W-CDMA
HQPSK, 1DPCCH+1DPDCH
IQ Level
0.8
VP-P
Input IQ signal driven differentially and in
quadrature.
IQ Common Mode
1.2
V
Input Bandwidth
8
11
MHz
Baseband Filter Attenuation
10
dB
At 40MHz offset
* Not tested in Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com