Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2705G Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 1 Page - RF Micro Devices

  RF2705G Datasheet HTML 1Page - RF Micro Devices RF2705G Datasheet HTML 2Page - RF Micro Devices RF2705G Datasheet HTML 3Page - RF Micro Devices RF2705G Datasheet HTML 4Page - RF Micro Devices RF2705G Datasheet HTML 5Page - RF Micro Devices RF2705G Datasheet HTML 6Page - RF Micro Devices RF2705G Datasheet HTML 7Page - RF Micro Devices RF2705G Datasheet HTML 8Page - RF Micro Devices RF2705G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
5-113
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
VCC2
LO HB P
LO HB N
LO LB P
LO LB N
MODE C
RF OUT
LB N
7
6
5
4
3
2
1
12
11
10
9
8
18
17
16
15
14
13
23
22
21
20
19
24
Note: The die flag is the
chip's main ground.
+45°
-45°
Σ
DIV
2
+45°
-45°
Flo
x2
Mode Control
and Biasing
Power
Control
RF OUT
LB P
RF OUT
HB N
RF OUT
HB P
RF OUT
WB N
RF OUT
WB P
RF2705G
LOW NOISE, MULTI-MODE, QUAD-BAND,
QUADRATURE MODULATOR AND PA DRIVER
• EDGE/GSM (GSM850/900) Handsets
• EDGE/GSM (DCS/PCS) Handsets
• W-CDMA Handsets/Data Cards
• W-CDMA/GSM/EDGE Multimode Handsets
and Data Cards
The RF2705 is a low noise, multi-mode, quad-band direct
I/Q to RF modulator and PA driver designed for handset
applications where multiple modes of operation are
required. Frequency doublers, dividers and LO buffers
are included to support a variety of LO generation
options. Dynamic power control is supported through a
single analog input giving 90dB of power control range for
the W-CDMA mode and 40dB of power control in the
other two modes. Three sets of RF outputs are provided:
high band and low band low noise EDGE/GMSK outputs,
as well as one wideband W-CDMA output. The device is
designed for 2.7V to 3.3V operation, and is assembled in
a plastic, 24-pin, 4mmx4mm QFN.
• W-CDMA High/Mid/Low Power Modes
• Quad-Band Direct Quadrature Modulator
• Variable Gain PA Drivers
• GMSK Bypass Amplifiers
• LO Frequency Doubler and Divider
• Baseband Filtering
RF2705G
Low Noise, Multi-Mode, Quad-Band, Quadrature
Modulator and PA Driver
RF2705GPCBA-41XFully Assembled Evaluation Board
0
Rev A0 060206
Dimensions in mm.
Shaded area indicates pin 1.
-B-
-A-
0.10 C
0.10 C B
2 PL
0.10 C A
2 PL
0.2 C
4.0
4.0
1.00
0.80
SEATING
PLANE
-C-
Scale: None
0.08 C
0.203
TYP
0.05
0.00
TYP
0.10 C
0.50 TYP
0.10
C AB
M
0.30
0.18
TYP
0.08
0.03
TYP
0.50
0.30
TYP
0.55
0.35
TYP
0.10 C AB
2 PL
2.60
2.40
Package Style: QFN, 24-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2705G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2705G RFMD-RF2705G Datasheet
577Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2705GPCBA-41X RFMD-RF2705GPCBA-41X Datasheet
577Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2705G RFMD-RF2705G_1 Datasheet
577Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
More results

Similar Description - RF2705G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2705 RFMD-RF2705 Datasheet
379Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2705G RFMD-RF2705G_1 Datasheet
577Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7777 AVAGO-ACPM-7777 Datasheet
228Kb / 3P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7600 BOARDCOM-ACPM-7600 Datasheet
233Kb / 3P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
ACPM-7620 BOARDCOM-ACPM-7620 Datasheet
193Kb / 4P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com