Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6125 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6125
Description  High-Voltage, Step Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6125 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6125 Datasheet HTML 1Page - Sipex Corporation SP6125 Datasheet HTML 2Page - Sipex Corporation SP6125 Datasheet HTML 3Page - Sipex Corporation SP6125 Datasheet HTML 4Page - Sipex Corporation SP6125 Datasheet HTML 5Page - Sipex Corporation SP6125 Datasheet HTML 6Page - Sipex Corporation SP6125 Datasheet HTML 7Page - Sipex Corporation SP6125 Datasheet HTML 8Page - Sipex Corporation SP6125 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Mar22-07 RevC
SP6125: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
1
FEATURES
Wide 4.5V – 29V Input Voltage Range
Internal Compensation
Built-in High Current PMOS Driver
Adjustable Overcurrent Protection
Internal soft-start
300kHz Constant Frequency Operation
0.6V Reference Voltage
1% output setpoint accuracy
Lead Free, RoHS Compliant Package:
Small 6 pin TSOT
DESCRIPTION
The SP6125 is a PWM controlled step down (buck) voltage mode regulator with VIN feedforward and
internal Type-II compensation. It operates from 4.5V to 29V, making is suitable for 5V, 12V, and 24V
applications. By using a PMOS driver, this device is capable of operating at 100% duty cycle. The
high side driver is designed to drive the gate 5V below VIN. The programmable overcurrent
protection is based on high-side MOSFET’s ON resistance sensing and allows setting the
overcurrent protection value up to 300mV threshold (measured from VIN-LX). The SP6125 is
available in a space-saving 6-pin TSOT package making it the smallest controller available capable
of operating from 24VDC supplies.
TYPICAL APPLICATION CIRCUIT
High=Of f
L1, IHLP-2525CZ
8.2uH, 68mOhm, 4A
C4
22uF
Ds
MBRA340T3G
R1
200k, 1%
RZ
2K
R2
44.2k, 1%
Q1
FDS4685
CZ
100pF
C6
0.1uF
C1
4.7uF
Rs 2k
D1 1N4148
24-29 V
SHDN
VIN
VOUT
GND
GND
VFB
Vin
LX
GND
VDR
Gate
SP6125
3.3V
0-3A
3
1
4
5
2
6
C5
22uF
C2
4.7uF
SP6125
6
5
4
1
2
3
SP6125
6 PinTSOT
GND
LX
GATE
FB
VIN
VDR
Solved by
TM
High-Voltage, Step Down Controller in TSOT6


Similar Part No. - SP6125

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6125EK1-L EXAR-SP6125EK1-L Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6125EK1-L/TR EXAR-SP6125EK1-L/TR Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
More results

Similar Description - SP6125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com