Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6125 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6125
Description  High-Voltage, Step Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6125 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6125 Datasheet HTML 1Page - Sipex Corporation SP6125 Datasheet HTML 2Page - Sipex Corporation SP6125 Datasheet HTML 3Page - Sipex Corporation SP6125 Datasheet HTML 4Page - Sipex Corporation SP6125 Datasheet HTML 5Page - Sipex Corporation SP6125 Datasheet HTML 6Page - Sipex Corporation SP6125 Datasheet HTML 7Page - Sipex Corporation SP6125 Datasheet HTML 8Page - Sipex Corporation SP6125 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Mar22-07 RevC
SP6125: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
4
The SP6125 is a fixed frequency, Voltage-
mode,
non-synchronous
PWM
controller
optimized for minimum component, small form
factor and cost effectiveness. It has been
designed for single-supply operation ranging
from 4.5V to 29V. SP6125 has Type-II internal
compensation for use with Electrolytic or
Tantalum
output
capacitors.
For
ceramic
capacitors
Type-III
compensation
can
be
implemented by simply adding an R and C
between output and Feedback. A precision
0.6V reference, present on the positive terminal
of the Error Amplifier, permits programming of
the output voltage down to 0.6V via the FB pin.
The output of the Error Amplifier is internally
compared to a feed-forward (VIN/5 peak-to-
peak) ramp and generates the PWM control.
Timing is governed by an internal oscillator that
sets the PWM frequency at 300kHz.
SP6125 contains useful protection features.
Overcurrent protection is based on high-side
MOSFET’s RDS(ON) and is programmable via a
resistor placed at LX node. Under-Voltage
Lock-Out (UVLO) ensures that the controller
starts functioning only when sufficient voltage
exists for powering IC’s internal circuitry.
SP6125 Loop Compensation
The
SP6125
includes
Type-II
internal
compensation components for loop compen-
sation. External compensation components are
not required for systems with tantalum or
aluminum electrolytic output capacitors with
sufficiently high ESR. Use the condition below
as a guideline to determine whether or not the
internal compensation is sufficient for your
design.
Type-II internal compensation is sufficient if the
following condition is met:
DBPOLE
ESRZERO
f
f
<
………………. (1)
where:
OUT
ESR
ESRZERO
C
R
f
.
.
.
2
1
π
=
……….. (2)
OUT
DBPOLE
C
L
f
⋅
=
.
.
2
1
π
………… (3)
1
R
C
L
CZ
⋅
=
……………………….. (4)
Creating a Type-III compensation Network
The above condition requires the ESR zero to
be at a lower frequency than the double-pole
from the LC filter. If this condition is not met,
Type-III compensation should be used and can
be accomplished by placing a series RC
combination in parallel with R1 as shown
below. The value of CZ can be calculated as
follows and RZ selected from table 1.
Table1- Selection of RZ
fESRZERO÷fDBPOLE RZ
1X
50K
2X
40K
3X
30K
5X
10K
>= 10X
2K
General Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com