Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2861 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices RF2861 Datasheet HTML 10Page - RF Micro Devices RF2861 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
8-7
RF2861
Rev A3 050902
Application Schematic
Differential IF Matching
C1
R1
L2
L1
C2
C3
L3
IF Saw
4
59
10
IF+
IF-
LO IN
2.2 nH
LO
OUT
TX BUFF
ENABLE
ENABLE
G2
CELL LNA IN
1.2 nH
10 nH
3.9 pF
RF Saw
4
5
6
3
GND
GND
GND
GND
2
1
9.1 k
Ω
20 k
Ω
22 nH
33 nF
DNI
33 nF
33 nF
33 nF
8
7
6
5
3
4
1
2
13
14
15
16
10
9
12
11
V
CC
V
CC
V
CC
G1
33 nH
33 nF
0603 Wire-wound Inductors
DNI
C1
R1
L1
L2
C2
C3
L3
85 MHz IF (LO
FREQ=965 MHz)
184 MHz IF (LO
FREQ=1064 MHz)
22 pF
2.7 k
Ω 72 nH 72 nH 5.1 pF 5.1 pF 220 nH
5.0 pF 2.7 k
Ω 55 nH 55 nH 10 pF
10 pF
43 nH
IF SAW FILTER
SAWTEK 855845
EPCOS B4955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com