Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2861 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices RF2861 Datasheet HTML 10Page - RF Micro Devices RF2861 Datasheet HTML 11Page - RF Micro Devices RF2861 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8-8
RF2861
Rev A3 050902
Application Schematic
Single-End Matching
8
7
6
5
3
4
1
2
13
14
15
16
10
9
12
11
C2
R1
L1
33 nF
L2
LO IN
2.2 nH
LO
OUT
33 nF
10 nH
3.9 pF
RF Saw
4
5
6
3
GND
GND
GND
GND
2
1
9.1 k
Ω
20 k
Ω
22 nH
33 nF
C1
C3
V
CC
C4
IF Saw
4
59
10
IF+
IF-
V
CC
V
CC
G1
TX BUFF
ENABLE
ENABLE
G2
CELL LNA IN
1.2 nH
33 nF
33 nH
DNI
C5
L3
33 nF
+
85 MHz IF (LO
FREQ=965 MHz)
43
43
DNI
2.7
72
72
5.1
DNI
220
SAWTEK 855845
184 MHz IF (LO
FREQ=1064 MHz)
13
13
DNI
2.7
55
55
10
DNI
43
EPCOS B4955
C1
(pF)
C2
(pF)
C3
R1
(k
Ω)
L1
(nH)
L2
(nH)
C4
(pF)
C5
L3
(nH)
IF SAW FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com