Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3334 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3334
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3334 Datasheet HTML 4Page - RF Micro Devices RF3334 Datasheet HTML 5Page - RF Micro Devices RF3334 Datasheet HTML 6Page - RF Micro Devices RF3334 Datasheet HTML 7Page - RF Micro Devices RF3334 Datasheet HTML 8Page - RF Micro Devices RF3334 Datasheet HTML 9Page - RF Micro Devices RF3334 Datasheet HTML 10Page - RF Micro Devices RF3334 Datasheet HTML 11Page - RF Micro Devices RF3334 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8-464
RF3334
Rev A6 061016
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
16
15
IF AMP
C2
10 nF
C3
10 nF
50
Ω μstrip
J3
RF IN
C6
10 nF
VCC
R2
140
Ω
R3
475
Ω
R4
475
Ω
R5
100
Ω
C7
10 n
C9
10 n
J5
IFOUTB
J4
IFOUT
L2
120 nH
C8
82 pF
R6
750
Ω
C5
82 pF
L1
120 nH
VCC
C4
10 nF
R1
1 k
Ω
RFAGC
C11
10 pF
C10
1 nF
VCC
C1
1 uF
+
50
Ω μstrip
J2
LO
T1
TTWB-1-A
J1
1
2
3
CON3
J1-1
VCC
GND
J1-3
RF AGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com