Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3334 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3334
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3334 Datasheet HTML 1Page - RF Micro Devices RF3334 Datasheet HTML 2Page - RF Micro Devices RF3334 Datasheet HTML 3Page - RF Micro Devices RF3334 Datasheet HTML 4Page - RF Micro Devices RF3334 Datasheet HTML 5Page - RF Micro Devices RF3334 Datasheet HTML 6Page - RF Micro Devices RF3334 Datasheet HTML 7Page - RF Micro Devices RF3334 Datasheet HTML 8Page - RF Micro Devices RF3334 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-457
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
14
13
12
11
10
9
8
7
6
5
4
3
2
1
16
15
IF AMP
RFDEC
RFIN
GND
IFVCC
GND
MIXLOADB
MIXLOAD
RFAGC
RF3334
IF LOW NOISE AMPLIFIER/MIXER
• Cable Set Top Box
• General Purpose Downconverter
• Commercial and Consumer Systems
The RF3334 is an IF LNA/Mixer suitable for downconver-
sion of forward channel control data in a set-top box appli-
cation. It consists of a single-ended 75
Ω terminated LNA,
followed by a differential gain control stage with 30dB of
analog gain control and a double-balanced mixer. The
mixer load is available via pins 10 and 11 should an exter-
nal filter be required. The mixer output is connected to an
IF amplifier that can be configured from 10dB to 40dB
gain with an external resistor. The amplifier is capable of
6V pk-pk output into a 1k
Ω load.
• 30dB RF Gain Control
• 40dB IF Gain Control
• 5dB Max. Noise Figure SSB
• LNA Input Internally Matched to 75
Ω
• Single 5V Supply
RF3334
LNA Mixer
RF3334PCBA-41X Fully Assembled Evaluation Board
0
Rev A6 061016
0.10
CA B
M
0.35
0.23
Pin 1 ID
0.20 R
2.25
1.95
SQ.
0.65
0.75
0.50
TYP
0.60
0.24
TYP
0.05 C
0.90
0.85
0.70
0.65
0.05
0.00
12°
MAX
-C-
SEATING
PLANE
Shaded lead is pin 1.
Dimensions in mm.
0.10 C A
2 PLCS
-A-
4.00 SQ.
0.10 C B
2 PLCS
0.10 C B
2 PLCS
-B-
3.75 SQ
1.87 TYP
0.10 C A
2 PLCS
2.00 TYP
Package Style: QFN, 16-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF3334

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3334 RFMD-RF3334 Datasheet
232Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF3334PCBA RFMD-RF3334PCBA Datasheet
232Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334PCBA-41X RFMD-RF3334PCBA-41X Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF3334

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
logo
RF Micro Devices
RF3334 RFMD-RF3334 Datasheet
232Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com