Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6654 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6654 Datasheet HTML 1Page - Sipex Corporation SP6654 Datasheet HTML 2Page - Sipex Corporation SP6654 Datasheet HTML 3Page - Sipex Corporation SP6654 Datasheet HTML 4Page - Sipex Corporation SP6654 Datasheet HTML 5Page - Sipex Corporation SP6654 Datasheet HTML 6Page - Sipex Corporation SP6654 Datasheet HTML 7Page - Sipex Corporation SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
VIN=PVIN=VSDN=3.6V, VOUT=VFB, IO = 0mA, TAMB = -40°C to +85°C, The ♦ denotes the specifications wich apply over
the full operating temperature range, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
O
L
V
U
V
,
d
l
o
h
s
e
r
h
T
N
I
g
n
il
l
a
f
5
5
.
20
7
.
25
8
.
2
V
♦
V
=
0
D
,
V
0
=
1
D
N
I
0
7
.
25
8
.
20
0
.
3
♦
V
=
1
D
N
I
V
0
=
0
D
,
5
8
.
20
0
.
35
1
.
3
♦
V
=
1
D
N
I
V
=
0
D
,
N
I
s
i
s
e
r
e
t
s
y
h
O
L
V
U0
4V
mT
B
M
A
C
°
7
2
=
e
g
a
t
l
o
V
t
u
p
t
u
O
w
o
L
D
G
R
W
P4
.
0V
♦ V
N
I
I
,
V
3
.
3
=
K
N
I
S
A
m
1
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
D
G
R
W
P1
A
µ
♦
V
6
.
3
=
D
G
R
W
P
V
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
D
G
R
W
P6
-%
,
%
6
-
e
g
a
t
l
o
V
t
e
S
B
F
T
B
M
A
C
°
7
2
=
s
i
s
i
r
e
t
s
y
H
D
G
R
W
P0
8V
mT
B
M
A
C
°
7
2
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
0
D
,
1
D1
0
0
5A
n
♦
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
0
D
,
1
D
0
6
.
00
9
.
0
V
♦
n
o
i
t
i
s
n
a
r
T
w
o
L
o
t
h
g
i
H
5
2
.
18
.
1
♦
n
o
i
t
i
s
n
a
r
T
h
g
i
H
o
t
w
o
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
B
F1
0
0
1A
nV
1
=
B
F
D1
D0
00
Shutdown. All internal circuitry is disabled and the power switches are opened.
01
Device enabled, falling UVLO threshold =2.70V
10
Device enabled, falling UVLO threshold =2.85V
11
Device enabled, falling UVLO threshold =3.00V
Table 1. Operating Mode Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com