Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6654 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6654 Datasheet HTML 1Page - Sipex Corporation SP6654 Datasheet HTML 2Page - Sipex Corporation SP6654 Datasheet HTML 3Page - Sipex Corporation SP6654 Datasheet HTML 4Page - Sipex Corporation SP6654 Datasheet HTML 5Page - Sipex Corporation SP6654 Datasheet HTML 6Page - Sipex Corporation SP6654 Datasheet HTML 7Page - Sipex Corporation SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
SP6654
FEATURES
■ Ultra-low 20µA Quiescent Current
■ 98% Efficiency Possible
■ 800mA Output Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ No External FET’s Required
■ 1.25A Inductor Peak Current Limit
■ 100% Duty Ratio Low Dropout Operation
■ 80µA Light Load Quiescent Current
in Dropout
■ Logic Shutdown Control
■ Programmable UVLO
■ Small 10 pin MSOP Package
■ Power Good Indicator
■ Industry Standard 10 Pin MSOP and
and Small DFN Package
High Efficiency 800mA Synchronous Buck Regulator
APPLICATIONS
■ PDA's
■ DSC's
■ MP3 Players
■ USB Devices
■ Point of Use Power
The SP6654 is a 800mA synchronous buck regulator which is ideal for portable applications that
use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6654’s proprietary control loop, 20µA light
load quiescent current, and 0.3Ω power switches provide excellent efficiency across a wide range
of output currents. As the input battery supply decreases towards the output voltage the SP6654
seamlessly transitions into 100% duty ratio operation further extending useful battery life. The
SP6654 is protected against overload and short circuit conditions with a precise inductor peak
current limit. Other features include programmable under voltage lockout, externally pro-
grammed output voltage down to 1.0V, logic level shutdown control, and an open drain power
good indicator when VOUT is above 94% of its programmed value.
®
PWR
GD
VI
VO
D1
D0
22µF
L1
10µH
VOUT
800mA
2.7V to 5.5V Input
10Ω
1µF
SP6654
PVIN
PWR
GD
D1
D0
LX
GND
VOUT
FB
PGND
VIN
22µF
CIN
CVIN
COUT
RVIN
RF
CF
22pF
RI
200K
1M
Ideal for portable designs powered with Li Ion battery
TYPICAL APPLICATION SCHEMATIC
DESCRIPTION
SP6654
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
PVIN
VIN
PWRGD
D1
D0
LX
PGND
GND
VOUT
FB
Now Available in Lead Free Packaging


Similar Part No. - SP6654

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6654ER SIPEX-SP6654ER Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Exar Corporation
SP6654ER EXAR-SP6654ER Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
More results

Similar Description - SP6654

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
September 21, 2009
ISL8088 INTERSIL-ISL8088_10 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 29, 2010
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL78228ARZ-T INTERSIL-ISL78228ARZ-T Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com