Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7849 Datasheet(PDF) 1 Page - EPCOS

Part # B7849
Description  SAW Filter 2140.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7849 Datasheet(HTML) 1 Page - EPCOS

  B7849 Datasheet HTML 1Page - EPCOS B7849 Datasheet HTML 2Page - EPCOS B7849 Datasheet HTML 3Page - EPCOS B7849 Datasheet HTML 4Page - EPCOS B7849 Datasheet HTML 5Page - EPCOS B7849 Datasheet HTML 6Page - EPCOS B7849 Datasheet HTML 7Page - EPCOS B7849 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2006. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Rx Filter
WCDMA Band I
Series/Type:
Ordering code:
B7849
B39212B7849K410
Date:
Version:
May 19, 2006
2.0


Similar Part No. - B7849

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7840 EPCOS-B7840 Datasheet
69Kb / 5P
SAW Components Low-Loss Filter 1575,42 MHz
B78408-A1166-A3 EPCOS-B78408-A1166-A3 Datasheet
102Kb / 2P
RF Transformers
B78408-A1226-A3 EPCOS-B78408-A1226-A3 Datasheet
112Kb / 2P
RF Transformers
B78408-A1227-A3 EPCOS-B78408-A1227-A3 Datasheet
112Kb / 2P
RF Transformers
B78408-A1231-A3 EPCOS-B78408-A1231-A3 Datasheet
105Kb / 2P
RF Transformers
More results

Similar Description - B7849

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9412 EPCOS-B9412 Datasheet
76Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 2140.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
2140.0 MHz RF SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com