Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7849 Datasheet(PDF) 4 Page - EPCOS

Part # B7849
Description  SAW Filter 2140.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7849 Datasheet(HTML) 4 Page - EPCOS

  B7849 Datasheet HTML 1Page - EPCOS B7849 Datasheet HTML 2Page - EPCOS B7849 Datasheet HTML 3Page - EPCOS B7849 Datasheet HTML 4Page - EPCOS B7849 Datasheet HTML 5Page - EPCOS B7849 Datasheet HTML 6Page - EPCOS B7849 Datasheet HTML 7Page - EPCOS B7849 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
May 19, 2006
B7849
2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data Sheet
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
V
machine model, 10 pulses
Source Power
PS
5
dBm
cw signal
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com