Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7651 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7651
Description  Wide Input Voltage Range 3Amp 900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7651 Datasheet HTML 4Page - Sipex Corporation SP7651 Datasheet HTML 5Page - Sipex Corporation SP7651 Datasheet HTML 6Page - Sipex Corporation SP7651 Datasheet HTML 7Page - Sipex Corporation SP7651 Datasheet HTML 8Page - Sipex Corporation SP7651 Datasheet HTML 9Page - Sipex Corporation SP7651 Datasheet HTML 10Page - Sipex Corporation SP7651 Datasheet HTML 11Page - Sipex Corporation SP7651 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
Output Capacitor Selection
The required ESR (Equivalent Series Re-
sistance) and capacitance drive the selec-
tion of the type and quantity of the output
capacitors. The ESR must be small enough
that both the resistive voltage deviation due
to a step change in the load current and
the output ripple voltage do not exceed
the tolerance limits expected on the output
voltage. During an output load transient,
the output capacitor must supply all the ad-
ditional current demanded by the load until
the SP7651 adjusts the inductor current to
the new value.
In order to maintain VOUT, the capacitance
must be large enough so that the output
voltage is held up while the inductor current
ramps up or down to the value correspond-
ing to the new load current. Additionally, the
ESR in the output capacitor causes a step
in the output voltage equal to the current.
Because of the fast transient response and
inherent 100% to 0% duty cycle capability
provided by the SP765 when exposed to
an outputload transient,the outputcapacitor
is typically chosen for ESR, not for capaci-
tance value.
The ESR of the output capacitor, combined
with the inductor ripple current, is typically
the main contributor to output voltage ripple.
The maximum allowable ESR required to
maintain a specified output voltage ripple
can be calculated by:
where:
∆VOUT = Peak-to-Peak Output Voltage
Ripple
IPK-PK = Peak-to-Peak Inductor Ripple Cur-
rent
The total output ripple is a combination of
the ESR and the output capacitance value
and can be calculated as follows:
∆VOUT =
(IPP(–D))2
+ (IPPRESR)2
COUTFS
FS = Switching Frequency
D = Duty Cycle
COUT = Output Capacitance Value
Input Capacitor Selection
The input capacitor should be selected for
ripple current rating, capacitance and volt-
age rating. The input capacitor must meet
the ripple current requirement imposed
by the switching current. In continuous
conduction mode, the source current of
the high-side MOSFET is approximately
a square wave of duty cycle VOUT/VIN.
Most of this current is supplied by the
input bypass capacitors. The RMS value
of input capacitor current is determined at
the maximum output current and under the
assumption that the peak-
to-peak inductor ripple current is low; it is given
by:
ICIN(rms) = IOUT(max)
√D( - D)
The worse case occurs when the duty cycle
D is 50% and gives an RMS current value
equal to IOUT/2. Select input capacitors with
adequate ripple current rating to ensure reli-
able operation.
The power dissipated in the input capaci-
tor is:
This can become a significant part of power
losses in a converter and hurt the overall
energy transfer efficiency. The input volt-
age ripple primarily depends on the input
capacitor ESR and capacitance. Ignoring
the inductor ripple current, the input voltage
ripple can be determined by:
The capacitor type suitable for the output
capacitors can also be used for the input ca-
pacitors. However, exercise extra caution
APPLICATIONS INFORMATION
∆Vout
Ipk-pk
Pon= i2on(rms) resr(cin)
∆Vin=iout(max) resr(cin) +
Iout(max) Vout (Vin-Vout)
FscinVin2
Resr ≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com