Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7651 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7651
Description  Wide Input Voltage Range 3Amp 900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7651 Datasheet HTML 5Page - Sipex Corporation SP7651 Datasheet HTML 6Page - Sipex Corporation SP7651 Datasheet HTML 7Page - Sipex Corporation SP7651 Datasheet HTML 8Page - Sipex Corporation SP7651 Datasheet HTML 9Page - Sipex Corporation SP7651 Datasheet HTML 10Page - Sipex Corporation SP7651 Datasheet HTML 11Page - Sipex Corporation SP7651 Datasheet HTML 12Page - Sipex Corporation SP7651 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
APPLICATIONS INFORMATION
whentantalumcapacitorsareused.Tantalum
capacitors are known for catastrophic failure
when exposed to surge current, and input
capacitors are prone to such surge current
when power supplies are connected “live”
to low impedance power sources.
Loop Compensation Design
The open loop gain of the whole system
can be divided into the gain of the error
amplifier, PWM modulator, buck converter
output stage, and feedback resistor divider.
In order to cross over at the selected fre-
quency FCO, the gain of the error amplifier
compensates for the attenuation caused by
the rest of the loop at this frequency. The
goal of loop compensation is to manipulate
loop frequency response such that its gain
crosses over 0db at a slope of -20db/dec.
The first step of compensation design is to
pick the loop crossover frequency.
High crossover frequency is desirable for
fasttransientresponse,butoftenjeopardizes
the higher than the ESR zero but less than
/5 of the switching frequency. The ESR
zero is contributed by the ESR associated
with the output capacitors and can be de-
termined by:
SP765 Voltage Mode Control Loop with Loop Dynamic
(SRz2Cz2+1)(SR1Cz3+1)
(SR ESR COUT + 1)
[S^2LC
OUT +S(R ESR +R DC) C OUT +1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP6132 Internal RA
MP Amplitude Peak to Peak V oltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> R
ESR & R DC
R 2
VREF
(R 1 + R2)
or
VOUT
VFBK
(Volts)
Type III V oltage Loop
Compensation
G
AMP (s) Gain Block
PWM Stage
G
PWM Gain
Block
Output Stage
G
OUT (s) Gain
Block
Voltage Feedback
G
FBK Gain Block
Definitions:
RESR = Output Capacitor Equivalent Series Resistance
RDC = Output Inductor DC Resistance
RRAMP_PP = SP765 internal RAMP Amplitude Peak-to-Peak Voltage
systemstability.Crossoverfrequencyshould
be higher than the ESR zero but less than
/5 of the switching frequency. The ESR
zero is contributed by the ESR associated
with the output capacitors and can be de-
termined by:
ƒz(ESR) =

.
2π COUT RESR
The next step is to calculate the complex
conjugate poles contributed by the LC
output filter,
ƒP(LC) =

.
2π
√ L COUT
When the output capacitors are Ceramic
type, the SP765 Evaluation Board requires
aTypeIIIcompensationcircuittogiveaphase
boostof180°inordertocounteracttheeffects
of an underdamped resonance of the output
filter at the double pole frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com