Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7655 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7655
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation SP7655 Datasheet HTML 10Page - Sipex Corporation SP7655 Datasheet HTML 11Page - Sipex Corporation SP7655 Datasheet HTML 12Page - Sipex Corporation SP7655 Datasheet HTML 13Page - Sipex Corporation SP7655 Datasheet HTML 14Page - Sipex Corporation SP7655 Datasheet HTML 15Page - Sipex Corporation SP7655 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image

Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
SP7655 Effi. v.s Iout Plots @
Vin=12V, and Vout=3.3V
83.0
84.0
85.0
86.0
87.0
88.0
89.0
90.0
91.0
92.0
1
2
3
4
5
6
7
8
Load Current (A)
SP7655 Vout v.s Iout Plots @
Vin=12V, and Vout=3.3V
3.3
3.31
3.32
3.33
3.34
0
1
2
3
4
5
6
7
8
Load Current (A)
SP7655 Effi. v.s Iout Plots @
Vin=12V, and Vout=5.0V
82.0
84.0
86.0
88.0
90.0
92.0
94.0
96.0
1
2
3
4
5
6
7
8
Load Current (A)
SP7655 Vout v.s Iout Plots @
Vin=12V, and Vout=5.0V
4.9600
4.9700
4.9800
4.9900
5.0000
0
1
2
3
4
5
6
7
8
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com