Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7655 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP7655
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation SP7655 Datasheet HTML 10Page - Sipex Corporation SP7655 Datasheet HTML 11Page - Sipex Corporation SP7655 Datasheet HTML 12Page - Sipex Corporation SP7655 Datasheet HTML 13Page - Sipex Corporation SP7655 Datasheet HTML 14Page - Sipex Corporation SP7655 Datasheet HTML 15Page - Sipex Corporation SP7655 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
6
Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
ORDERING INFORMATION
Part Number
Temperature
Package
SP7655ER ..............................................-40°C to +85°C ................................. 26 Pin 7 X 4 DFN
SP7655ER-L ...........................................-40°C to +85°C ............. (Lead Free) 26 Pin 7 X 4 DFN
SP7655ER/TR ........................................-40°C to +85°C ................................. 26 Pin 7 X 4 DFN
SP7655ER-L/TR .....................................-40°C to +85°C ............. (Lead Free) 26 Pin 7 X 4 DFN
Bulk Pack minimum quantity is 500.
/TR = Tape and Reel. Pack quantity is 3,000 DFN.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 5035
TEL: (08) 3-7500
FAX: (08) 35-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com