Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3395PCBA-41X Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3395PCBA-41X
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3395PCBA-41X Datasheet(HTML) 1 Page - RF Micro Devices

  RF3395PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-591
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
12
11
10
4
5
6
1
2
3
9
8
7
NC
NC
NC
NC
RF OUT
RF IN
RF3395
GENERAL PURPOSE AMPLIFIER
• Basestation Applications
• Broadband, Low-Noise Gain Blocks
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Final PA for Low-Power Applications
• High Reliability Applications
The RF3395 is a general purpose, low-cost RF amplifier
IC. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as an easily-cas-
cadable 50
Ω gain block. Applications include IF and RF
amplification in wireless voice and data communication
products operating in frequency bands up to 6000MHz.
The device is self-contained with 50
Ω input and output
impedances and requires only two external DC-biasing
elements to operate as specified. The device is designed
for cost effective high reliability in a plastic package. The
3mmx3mm footprint is compatible with standard ceramic
and plastic Micro-X packages.
• DC to >6000MHz Operation
• Internally Matched Input and Output
• 13.2dB Small Signal Gain
• +28.7dBm Output IP3
• +16.0dBm Output P1dB
• Footprint Compatible with Micro-X
RF3395
General Purpose Amplifier
RF3395PCBA-41X
Fully Assembled Evaluation Board
0
Rev A5 060908
3.00
3.00
2.75
SQ
-B-
-A-
3
1
2 PLCS
0.10 C A
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2 PLCS
0.10 C B
Shaded lead is pin 1.
Dimensions in mm.
-C-
12°
MAX
SEATING
PLANE
0.05 C
0.20
REF.
0.90
0.85
0.05
0.00
0.60
0.24
TYP
0.10
C AB
M
0.35
0.30
PIN 1 ID
R0.20
1.90
1.60
0.45
0.35
0.375
0.275
0.65
1.15
0.85
Package Style: QFN, 12-Pin, 3x3
RoHS Compliant & Pb-Free Product


Similar Part No. - RF3395PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3395PCBA-41X RFMD-RF3395PCBA-41X Datasheet
270Kb / 10P
GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3395PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com