Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3395PCBA-41X Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3395PCBA-41X
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3395PCBA-41X Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3395PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF3395PCBA-41X Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-597
RF3395
Rev A5 060908
Reverse Isolation versus Frequency Across
Temperature (ICC = 65 mA)
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Current versus Voltage
(At Evaluation Board Connector, RBIAS = 22 Ω)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
5.5
6.0
6.5
7.0
7.5
VCC (V)
-40°C
+25°C
+85°C
Current versus Voltage
(At Pin 8)
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
4.5
4.7
4.9
5.1
5.3
5.5
5.7
VPIN (V)
-40°C
+25°C
+85°C
Vcc=6.6V
Power Dissipated versus Voltage at Pin 8
(TAMB = +85°C)
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
4.75
4.80
4.85
4.90
4.95
5.00
5.05
VPIN (V)
Junction Temperature versus Power Dissipated
(TAMB = +85°C)
130.000
140.000
150.000
160.000
170.000
180.000
190.000
0.250
0.275
0.300
0.325
0.350
0.375
0.400
Power Dissipated (W)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com