Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9409 Datasheet(PDF) 1 Page - EPCOS

Part # B9409
Description  SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9409 Datasheet(HTML) 1 Page - EPCOS

  B9409 Datasheet HTML 1Page - EPCOS B9409 Datasheet HTML 2Page - EPCOS B9409 Datasheet HTML 3Page - EPCOS B9409 Datasheet HTML 4Page - EPCOS B9409 Datasheet HTML 5Page - EPCOS B9409 Datasheet HTML 6Page - EPCOS B9409 Datasheet HTML 7Page - EPCOS B9409 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Tx Filter
WCDMA Band I
Series/Type:
Ordering code:
B9409
B39202B9409K610
Date:
Version:
December 09, 2005
2.0


Similar Part No. - B9409

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9400 EPCOS-B9400 Datasheet
91Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 881.50 MHz
B9401 EPCOS-B9401 Datasheet
90Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 942.50 MHz
B9402 EPCOS-B9402 Datasheet
106Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
B9403 EPCOS-B9403 Datasheet
72Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9406 EPCOS-B9406 Datasheet
82Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
More results

Similar Description - B9409

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4121 EPCOS-B4121 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B4131 EPCOS-B4131 Datasheet
68Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com