Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9409 Datasheet(PDF) 3 Page - EPCOS

Part # B9409
Description  SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9409 Datasheet(HTML) 3 Page - EPCOS

  B9409 Datasheet HTML 1Page - EPCOS B9409 Datasheet HTML 2Page - EPCOS B9409 Datasheet HTML 3Page - EPCOS B9409 Datasheet HTML 4Page - EPCOS B9409 Datasheet HTML 5Page - EPCOS B9409 Datasheet HTML 6Page - EPCOS B9409 Datasheet HTML 7Page - EPCOS B9409 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 09, 2005
B9409
1950.0 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –10 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200 Ω || 47 nH (balanced)
Terminating load impedance:
ZL =50 Ω (unbalanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1950.0
—
MHz
Maximum insertion attenuation
α
max
1920.0
... 1980.0
MHz
—
2.5
3.2
dB
Amplitude ripple (p-p)
∆α
1920.0
... 1980.0
MHz
—
1.2
1.6
dB
Amplitude ripple per 5 MHz channel
∆α
1920.0
... 1980.0
MHz
—
0.4
0.5
dB
Input VSWR
1920.0
... 1980.0
MHz
—
1.7
2.0
Output VSWR
1920.0
... 1980.0
MHz
—
1.6
2.0
Input amplitude balance (|S31/S21|)
1920.0
... 1980.0
MHz
–1.5
–0.5/0.5
1.5
dB
Input phase balance (
φ(S
31) – φ(S21)+180˚)
1920.0
... 1980.0
MHz
–10
–3/3
10
˚
Attenuation
α
50.0
... 1000.0
MHz
45
55
—
dB
1000.0
... 1795.0
MHz
40
43
—
dB
1795.0
... 1805.0
MHz
30
40
—
dB
1805.0
... 1880.0
MHz
30
34
—
dB
2110.0
... 2170.0
MHz
32
36
—
dB
2170.0
... 2800.0
MHz
32
36
—
dB
2800.0
... 6000.0
MHz
40
48
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com