| Electronic Components Datasheet Search |
|
SAA5290ZP Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA5290ZP Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 33 page ![]() February 1995 13 Philips Semiconductors Preliminary specification One page Economy Teletext/TV microcontroller SAA5290 FUNCTIONAL DESCRIPTION Introduction The SAA5290 is an integrated teletext decoder and microcontroller. The teletext decoder is derived from the SAA5254 single page teletext decoder IC, with a number of enhancements to increase its suitability for on-screen display applications. The microcontroller is a derivative of the industry standard 80C51 microcontroller. A block diagram of the SAA5290 is given in Fig.1. Microcontroller The functionality of the microcontroller used on the SAA5290 is described here with reference to the industry standard 80C51 microcontroller. A full description of its functionality can be found in the handbook 80C51-based 8-bit microcontrollers IC20. Using the 80C51 as a reference, the changes made for the SAA5290 fall into two categories, features not supported by the SAA5290 and features found on the SAA5290 but not supported by the 80C51. 80C51 features not supported by the SAA5290 INTERRUPT PRIORITY The IP SFR is not implemented and all interrupts are treated with the same priority level. The SAA5290 retains the normal prioritization of interrupts within a level. Table 6 Interrupts and their vector addresses EVENT PROGRAM MEMORY ADDRESS Reset 000H External INT0 003H Timer 0 00BH External INT1 013H Timer 1 01BH I2C-bus 053H OFF-CHIP MEMORY The SAA5290 does not support the use of off-chip program memory or off-chip data memory. This means that the SAA5290 does not have any of EA, RD, WR, ALE or PSEN pins. The 4 MOVX instructions which move data to and from external RAM should not be used. IDLE AND POWER-DOWN MODES Idle and power-down modes are not supported by the SAA5290. As a consequence, the respective bits in PCON are not available. UART FUNCTION The 80C51 UART is not available in the SAA5290. As a consequence the SCON and SBUF SFRs are removed and the ES bit in the IE SFR is unavailable. Additional features for the SAA5290 The following features are provided by the SAA5290 in addition to the standard 80C51 features. INTERRUPTS The external INT1 interrupt is modified to generate an interrupt on both the rising and falling edges of the INT1 pin, when EX1 bit is set. This facility allows for software pulse width measurement for handling of a remote control. BIT LEVEL I2C-BUS INTERFACE The bit-level serial I/O supports the I2C-bus. P1.6/SCL and P1.7/SDA are the serial I/O pins. These two pins meet the I2C-bus specification concerning the input levels and output drive capability. Consequently, these pins have an open-drain output configuration. All the four following modes of the I2C-bus are supported. • Master transmitter • Master receiver • Slave transmitter |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |