| Electronic Components Datasheet Search |
|
SAA5290ZP Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA5290ZP Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 33 page ![]() February 1995 21 Philips Semiconductors Preliminary specification One page Economy Teletext/TV microcontroller SAA5290 TXT5 - Teletext register 5 (WRITE only) BKGND OUT Background colour displayed outside teletext boxes (logic 1). BKGND IN Background colour displayed inside teletext boxes (logic 1). COR OUT COR output active outside teletext boxes (logic 1). COR IN COR output active inside teletext boxes (logic 1). TEXT OUT Text displayed outside teletext boxes (logic 1). TEXT IN Text displayed inside teletext boxes (logic 1). PICTURE ON OUT Video picture displayed outside teletext boxes (logic 1). PICTURE ON IN Video picture displayed inside teletext boxes (logic 1). TXT6 - Teletext register 6 (WRITE only) − This register has the same meaning as TXT5 but is only invoked if either newsflash (C5) or the subtitle (C6) bit in Row 25 of the basic page memory is set. TXT7 - Teletext register 7 (WRITE only) STATUS ROW TOP Display Row 24 below (logic 0) or above (logic 1) teletext page. CURSOR ON Display cursor at location pointed to by TXT9 and TXT10 (logic 1). CONCEAL/REVEAL Display characters in areas with the conceal attribute set (logic 1). TOP/BOTTOM Display Rows 0 to 11 (logic 0) or 12 to 23 (logic 1) when the double height bit is set. SNG/DBL HEIGHT Display each character at twice normal height (logic 1). BOX ON 24 Enable teletext boxes in memory Row 24 (logic 1). BOX ON 1-23 Enable teletext boxes in memory Rows 1 to 23 (logic 1). BOX ON 0 Enable teletext boxes in memory Row 0 (logic 1). TXT8 - Teletext register 8 (WRITE only) CVBS0/CVBS1 CVBS0 input (logic 0) or CVBS1 (logic 1) inputs used for teletext. TXT9 - Teletext register 9 (WRITE only) CLEAR MEMORY Write 20H into every location in teletext memory (logic 1). A0 Access basic page memory (logic 0) or extension packet memory (logic 1) with TXT11 SFR. R0 to R4 Memory row to be accessed with TXT11 SFR. TXT10 - Teletext register 10 (WRITE only) C0 to C5 Memory column to be accessed with TXT11 SFR. TXT11 - Teletext register 11 D0 to D7 data byte written to, or read from, teletext memory. REGISTER FUNCTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |