Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3802 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3802 Datasheet HTML 3Page - RF Micro Devices RF3802 Datasheet HTML 4Page - RF Micro Devices RF3802 Datasheet HTML 5Page - RF Micro Devices RF3802 Datasheet HTML 6Page - RF Micro Devices RF3802 Datasheet HTML 7Page - RF Micro Devices RF3802 Datasheet HTML 8Page - RF Micro Devices RF3802 Datasheet HTML 9Page - RF Micro Devices RF3802 Datasheet HTML 10Page - RF Micro Devices RF3802 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4-637
RF3802
Rev A6 050609
GSM850 OIP3 versus POUT
(Two-Tone 882 MHz)
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
POUT per Tone (dBm)
GSM850/CDMA2K Efficiency versus POUT
0.0
5.0
10.0
15.0
20.0
25.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
POUT (dBm)
GSM900 OIP3 versus POUT
(Two-Tone 940 MHz)
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
POUT per Tone (dBm)
GSM850/CDMA2K Current versus POUT
200.0
300.0
400.0
500.0
600.0
700.0
800.0
900.0
1000.0
1100.0
1200.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
POUT (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com