Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3802 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3802 Datasheet HTML 4Page - RF Micro Devices RF3802 Datasheet HTML 5Page - RF Micro Devices RF3802 Datasheet HTML 6Page - RF Micro Devices RF3802 Datasheet HTML 7Page - RF Micro Devices RF3802 Datasheet HTML 8Page - RF Micro Devices RF3802 Datasheet HTML 9Page - RF Micro Devices RF3802 Datasheet HTML 10Page - RF Micro Devices RF3802 Datasheet HTML 11Page - RF Micro Devices RF3802 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4-638
RF3802
Rev A6 050609
GSM850 Thermal Data
90.0
100.0
110.0
120.0
130.0
140.0
150.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
POUT (dBm)
PA
Driver
GSM900 Thermal Data
90.0
100.0
110.0
120.0
130.0
140.0
150.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
POUT (dBm)
PA
Driver
882 MHz CDMA2K 9-Channel SR1 ACPL and ALT1
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
POUT (dBm)
ACPR
ALT1
Thermal Resistance at 940 MHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0
POUT (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com