Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5189 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5189 Datasheet HTML 2Page - RF Micro Devices RF5189 Datasheet HTML 3Page - RF Micro Devices RF5189 Datasheet HTML 4Page - RF Micro Devices RF5189 Datasheet HTML 5Page - RF Micro Devices RF5189 Datasheet HTML 6Page - RF Micro Devices RF5189 Datasheet HTML 7Page - RF Micro Devices RF5189 Datasheet HTML 8Page - RF Micro Devices RF5189 Datasheet HTML 9Page - RF Micro Devices RF5189 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-661
RF5189
Rev A7 060127
POUT, Gain, ICC Total versus PIN (Typical) @ VCC=3.0V,
VREG=2.7V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
PIN (dBm)
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
Pout(dBm)
Gain(dB)
ICC_Total(mA)
POUT, Gain, ICC Total versus VREG @ VCC=3.0V
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Vreq(V)
0.0
50.0
100.0
150.0
200.0
250.0
300.0
Pout(dBm)
Gain(dB)
ICC_Total(mA)
Channel Frequency versus Gain (Typical) for VCC=3.0V,
3.3V, and 5.0V, VREG1=VREG2=2.7V and POUT=21dBm
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
2.412 2.417 2.422 2.427 2.432 2.437 2.442 2.447 2.452 2.457 2.462 2.467 2.472 2.477 2.482
Frequency (GHz)
Gain(dB)@Vcc=3.0Volts
Gain(dB)@Vcc=3.3Volts
Gain(dB)@Vcc=5.0 Volts
POUT, PDETECT versus PIN (Typical) @ VCC=3.0, VREG=2.7
over Temp (-40, +25, +85)°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
PIN (dBm)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Pout(dBm) @ + 25 C
Pout(dBm) @ +85 c
Pout(dBm) @ -40 C
PDETECT (V) @ +25 C
PDETECT (V) @ + 85 C
PDETECT (V) @ -40 C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com