Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5189 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5189 Datasheet HTML 2Page - RF Micro Devices RF5189 Datasheet HTML 3Page - RF Micro Devices RF5189 Datasheet HTML 4Page - RF Micro Devices RF5189 Datasheet HTML 5Page - RF Micro Devices RF5189 Datasheet HTML 6Page - RF Micro Devices RF5189 Datasheet HTML 7Page - RF Micro Devices RF5189 Datasheet HTML 8Page - RF Micro Devices RF5189 Datasheet HTML 9Page - RF Micro Devices RF5189 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-662
RF5189
Rev A7 060127
ICQ, ICC_Total, POUT versus VREG (Typical) @ VCC=3.0V, PIN=-
5dBm
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
220.0
240.0
260.0
280.0
300.0
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
VREG (V)
0.0
5.0
10.0
15.0
20.0
25.0
ICQ(mA)
ICC_Total(mA)
Pout(dBm)
IREG, POUT versus VREG (Typical) @ VCC=3.0V,
PIN=-5.0dBm
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
VREG (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Ireg(mA)
Pout(dBm)
Spectral Mask (Typical): V
CC=3.0V, VREG1=VREG2=2.7V,
P
OUT=18dBm, PIN=-7.55dBm, and ICC_Total=168mA
Spectral Mask (Typical): V
CC=3.0V, VREG1=VREG2=2.7V,
P
OUT=21dBm, PIN=-4.0dBm, and ICC_Total=210mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com