Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5300PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5300PCBA-41X
Description  3V, 5GHz LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5300PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF5300PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5300PCBA-41X Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-659
RF5300
Rev A8 051107
Evaluation Board Schematic
4
3
2
1
5
6
9
10
11
13
14
16
7
8
15
12
J1
RF IN
J2
RF OUT
C1
1 pF
VCC1
C2
1 pF
VREG
C4
5 pF
C3
2 pF
R1
0
Ω
C5
5 pF
R2
0
Ω
C6
1 nF
C7
4.75
μF
VCC1
PDETECT
L1
4.7 nH
50
Ωμstrip
50
Ωμstrip
P1
1
2
3
4
HDR_1X4
GND
P1-1
PDETECT
P1-2
VCC1
P1-1
VREG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com