Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1582 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1582 Datasheet HTML 1Page - Sipex Corporation SPX1582 Datasheet HTML 2Page - Sipex Corporation SPX1582 Datasheet HTML 3Page - Sipex Corporation SPX1582 Datasheet HTML 4Page - Sipex Corporation SPX1582 Datasheet HTML 5Page - Sipex Corporation SPX1582 Datasheet HTML 6Page - Sipex Corporation SPX1582 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jun 17-06 Rev F
SPX1582 3A Ultra Low Dropout Voltage Regulator
© 2006 Sipex Corporation
CURRENT
LIMIT
AMPLIFIER
THERMAL OVERLOAD
VREF
VOLTAGE
REGULATION
AMPLIFIER
LIMIT
SENSE
(4) VCTRL
VIN (5)
VOUT (3)
SENSE (1)
ADJ (2)
PIN NUMBER
PIN NAME
DESCRIPTION
1
SENSE
Allows Kelvin sense of VOUT at the load. (Positive side of the
reference voltage of the device).
2
ADJ
Negative side of the reference voltage for the device. Adding a small
bypass capacitor from the ADJ pin to ground will improve the transient
response.
3
VOUT
Power output of the device.
4
VCTRL
Supply pin for the control circuitry of the device. The current flow into this
pin will be about 1% of the output current. VCTRL must be between 1.0V
and 1.3V greater than the output voltage for the device to regulate.
5
VIN
Output load current is supplied through this pin. VIN must be between 0.1V
and 0.8V greater than the output voltage for this device to regulate.
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
Note that TAB is internally connected to Pin 3.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com