Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1582 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1582 Datasheet HTML 1Page - Sipex Corporation SPX1582 Datasheet HTML 2Page - Sipex Corporation SPX1582 Datasheet HTML 3Page - Sipex Corporation SPX1582 Datasheet HTML 4Page - Sipex Corporation SPX1582 Datasheet HTML 5Page - Sipex Corporation SPX1582 Datasheet HTML 6Page - Sipex Corporation SPX1582 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jun 17-06 Rev F
SPX1582 3A Ultra Low Dropout Voltage Regulator
© 2006 Sipex Corporation
The SPX1582 is designed as a high performance
and low cost solution for applications requiring
a lower dropout than traditional NPN regulators.
The SPX1582 uses a separate input voltage VCTRL
( VCTRL ≥ VOUT + 1.3V) to minimize the dropout
voltage. This allows the 2.5V power for the load
to come from a 3.3V system supply. As an added
benefit this will reduce the heat dissipation*, and
lower heatsink and cooling fan costs.
The SPX1582 can power the 2.5V core voltage
for microprocessors such as a PentiumPCTM,
P55CTM, AMD5k86TM and K6TM and the IBM
PowerPCTM 603EV and 604EV processors.
A typical application would use 3.3V for VIN and
5.0V for VCTRL from a motherboard power sup-
ply to provide a nominal 2.5V output. Using the
sense pin provides a Kelvin measurement of
output for reducing resistance-associated errors.
Power Up Sequencing
The SPX1582 requires a power up sequence in
that VIN must be applied before VCTRL to prevent
a latchup condition. If this is not possible, then a
10
Ω series resistor should be added to the VCTRL
input to prevent the device from entering into
latchup if VCTRL is applied before VIN.
APPLICATION INFORMATION
Adjustable Regulator Design
1.25V reference voltage is being developed be-
tween the SENSE pin and the ADJ pin of the
SPX1582. Adding two external resistors (see fig
1.) will allow setting the output voltage from
1.25V to 6V. R1 is chosen so that this current is
specified at a minimum load current of 10mA.
R2 is given by the formula:
VOUT = VREF (1+ R2/R1) + IADJ (R2).
The current flowing from the ADJ pin is typicaly
50
μA. This ADJ pin contributes to the final
VOUT but is usually neglected. Connecting the
sense pin to the top of the resistor divider will
improve load regulation.
Lowering Noise
For the fixed voltage device, adding a capacitor
at the GND pin will improve transient response.
This capacitor is chosen in the range of 1
μF to
0.1
μF and will depend on the amount of output
capacitance in the system.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com