Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD48SM Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD48SM
Description  200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD48SM Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD48SM Datasheet HTML 1Page - Solid States Devices, Inc SPD48SM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
A
2x C
B
B
2x C
iB
A
D
PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
:A
Reverse Leakage Current
(Rated VR , TA= 100oC, 300 :s minimum Pulse)
40
IR2
pF
2.8
CJ
Junction Capacitance
(VR = 10 VDC, TA = 25oC, f = 1 MHz)
Reverse Leakage Current
(Rated VR , TA= 25oC, 300 :s minimum Pulse)
IR1
nA
CASE OUTLINE:
ROUND TAB "SM"
Electrical Characteristics
SYMBOL
UNITS
MAXIMUM
VF1
1.0
1.2
Instantaneous Forward Voltage Drop
(TA = 25oC, 300 - 500:s Pulse)
VDC
400
DIMENSIONS
DIM
MIN.
MAX.
A
--
.200"
B
.065"
.085"
C
.022"
.028"
D
.001"
--
0.01
0.1
0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10
FORWARD VOLTAGE
TYPICAL OPERATING CURVES
(TA = 25oC unless otherwise specified)
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
END TAB TEMPERATURE (oC)
FORWARD VOLTAGE, [ V ]
SPD48SM & SMS
thru
SPD51SM & SMS
VF2
1.1
1.3
Instantaneous Forward Voltage Drop
(TA = -55oC, 300 - 500:s Pulse)
VDC
IF = 10 mADC
IF = 100 mADC
IF = 10 mADC
IF = 100 mADC
nsec
5
tRR
Reverse Recovery Time
(IF = 50 mA, IR = 100 mA, IRR = 25 mA, TA = 25oC)
DIMENSIONS
DIM
MIN.
MAX.
A
--
.150"
B
.054"
.085"
C
.010"
.028"
D
.001"
--
CASE OUTLINE:
SQUARE TAB "SMS"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com