Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD48SM Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD48SM
Description  200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD48SM Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD48SM Datasheet HTML 1Page - Solid States Devices, Inc SPD48SM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
200 mAMP
50 - 125 VOLTS
5 nsec
HYPER FAST
RECTIFIER
SURFACE MOUNT
ROUND TAB
"SM"
SPD48SM & SMS
thru
SPD51SM & SMS
Maximum Ratings
50
75
100
125
4
Amps
200
mAmps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R2JE
0.35
Peak Repetitive Reverse and
DC Blocking Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25oC)
Maximum Thermal Resistance
Junction to End Tab
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA= 25 oC
o
C/mW
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0085C
• Hyper Fast Recovery: 5 nsec maximum
• Subminiature Surface Mount Package
• Square Tab Mounting (Round Tabs Available)
• Hermetically Sealed
• PlanarPassivatedChip
• For High Efficiency Applications
• Replaces 1N4148 - 1N4151 types
• TX, TXV, and Space Level Screening Available
o
C
-65 TO +200
TOP & TSTG
Operating and Storage Temperature
SPD48SM & SMS
SPD49SM & SMS
SPD50SM & SMS
SPD51SM & SMS
SURFACE MOUNT
SQUARE TAB
"SMS"


Similar Part No. - SPD48SM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD48SM SSDI-SPD48SM Datasheet
117Kb / 2P
200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
SPD48SMS SSDI-SPD48SMS Datasheet
117Kb / 2P
200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
SPD48SMSS SSDI-SPD48SMSS Datasheet
117Kb / 2P
200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
SPD48SMSTX SSDI-SPD48SMSTX Datasheet
117Kb / 2P
200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
SPD48SMSTXV SSDI-SPD48SMSTXV Datasheet
117Kb / 2P
200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
More results

Similar Description - SPD48SM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N4148SM SSDI-1N4148SM Datasheet
56Kb / 2P
200 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SPD6642SM SSDI-SPD6642SM Datasheet
49Kb / 2P
300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SDR9100N SSDI-SDR9100N Datasheet
227Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1402SMS SSDI-SHF1402SMS Datasheet
319Kb / 2P
40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER
SPD502 SSDI-SPD502 Datasheet
303Kb / 2P
5 AMPS 200 - 600 VOLTS 40 nsec HYPER FAST RECTIFIER
SPD6638 SSDI-SPD6638 Datasheet
115Kb / 2P
300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
SPD48SM SSDI-SPD48SM_1 Datasheet
117Kb / 2P
200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
SPD805SMS SSDI-SPD805SMS_1 Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
logo
Solid State Optronic
SDR6638 SSOUSA-SDR6638 Datasheet
118Kb / 2P
300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com