Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD2520 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD2520
Description  0.5 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD2520 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD2520 Datasheet HTML 1Page - Solid States Devices, Inc SPD2520 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = 25
°C, 300-500 µs Pulse)
IF = 100mADC
IF = 500mADC
VF1
VF2
0.5
0.75
Volts
Reverse Leakage Current
(Rated VR, TA = 25
°C, 300 µs minimum Pulse)
IR1
5
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, 300 µs minimum Pulse)
IR2
1
mA
Junction Capacitance
(VR = 10 VDC, TA = 25
°C, f = 1 MHz)
CJ
10
pF
DIMENSIONS
CODE
MIN.
MAX.
A
.060”
.080”
B
.140”
.160”
C
1.00”
---
AXIAL CASE OUTLINE: (DO-35)
Note: Lead diameter is not controlled within 0.050” of the diode body.
D
.018”
.022”
DIMENSIONS
CODE
MIN.
MAX.
A
.092”
.098”
B
.190”
.215”
C
.022”
.028”
SMS CASE OUTLINE:
Note: Dimensions prior to solder dipping.
D
.002”
---
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0109D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD2520
thru
SPD2540



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com