Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD2520 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD2520
Description  0.5 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD2520 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD2520 Datasheet HTML 1Page - Solid States Devices, Inc SPD2520 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SPD 252
0
___ ___
└ Screening 2/
TX = TX Level
TXV = TXV Level,
S = S-Level
___ = Not Screened
│
│
│
│
│
│
└
Package
___ = Axial (DO-35)
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
│
│
└
Voltage / Family
2520 = 20V
2530 = 30V
2540 = 40V
SPD2520
thru
SPD2540
0.5 AMP
20-40 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
•
Extremely Low Forward Voltage Drop
•
High Surge Capability
•
Hermetically Sealed
•
Axial or Surface Mount Packages
•
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SPD2520
SPD2530
SPD2540
VRRM
VRWM
VR
20
30
40
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
°C)
IO
0.5
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
°C)
IFSM
10
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +150
°C
Maximum Thermal Resistance
Junction to Lead, L = 3/8”
RθJL
190
°C/W
NOTES:
1/ For ordering information, price, and availability,
contact factory.
2/ Screening per MIL-PRF-19500.
AXIAL (DO-35)
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0109D
DOC


Similar Part No. - SPD2520

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD2520 SSDI-SPD2520 Datasheet
165Kb / 2P
SCHOTTKY RECTIFIER
SPD2520 SSDI-SPD2520_1 Datasheet
165Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SPD2520

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM3S0520 MICROSEMI-MM3S0520 Datasheet
656Kb / 3P
0.5 Amp Schottky Rectifier 20 -100 Volts
logo
Micro Commercial Compon...
MBR0520L MCC-MBR0520L Datasheet
275Kb / 3P
0.5 Amp Schottky Rectifier 20 to 40 Volts
RB400D MCC-RB400D_06 Datasheet
864Kb / 3P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS Datasheet
167Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB411D MCC-RB411D_06 Datasheet
846Kb / 4P
0.5 Amp Schottky Barrier Rectifier 20 Volts
RB411DS MCC-RB411DS Datasheet
199Kb / 3P
0.5 Amp Schottky Barrier Rectifier 20 Volts
B0540W MCC-B0540W Datasheet
321Kb / 2P
0.5 Amp Schottky Rectifier 40 Volts
B0540WS MCC-B0540WS Datasheet
400Kb / 4P
0.5 Amp Schottky Rectifier 40 Volts
MBR0520L MCC-MBR0520L_17 Datasheet
210Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 to 40 Volts
RB400DS MCC-RB400DS_13 Datasheet
164Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com