Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ15RW21 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ15RW21
Description  Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RW21 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ15RW21 Datasheet HTML 1Page - Sharp Corporation PQ15RW21 Datasheet HTML 2Page - Sharp Corporation PQ15RW21 Datasheet HTML 3Page - Sharp Corporation PQ15RW21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ15RW08/PQ15RW11/PQ15RW21
s Features
q
Low power-loss
(Dropout voltage: MAX. 0.5V at Io=0.5A [PQ15RW08/11],
Io=2A [PQ15RW21])
q
Compact resin mold package(equivalent to TO-220)
q
Variable output voltage(3.0 to 15V)
q
Low voltage operation (Minimum supply voltage: 3.5V)
q
Reference voltage precision: ±2.5%
q
Built-in overcurrent, overheat protection functions,
ASO protection circuit
q
Lead forming type is also available.
s Applications
q
Power supplies for various electronic equipment such as
AV, OA eguipment
s Outline Dimensions
(Unit : mm)
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
• Please refer to the chapter " Handling Precautions ".
PQ15RW08/PQ15RW11/PQ15RW21
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
(Ta=25˚C)
Input voltage
Output adjustment terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇3
VIN
VADJ
Io
PD1
PD2
Tj
Topr
Tstg
Tsol
0.8
1.25
10
20
5
150
-20 to +80
-40 to +150
260(For 10s)
1.0
1.4
15
2.0
PQ15RW08
PQ15RW11
PQ15RW21
V
V
A
W
W
˚C
˚C
˚C
˚C
❇1 All are open except GND and applicable terminals.
❇2 PD1: No heat sink, PD2: With infinite heat sink
❇3 Overheat protection may operate at 125<=Tj<=150˚C
Specific IC
Output voltage adjustment terminal (VADJ)
DC input(VIN)
DC output(Vo)
GND
PQ15RW08
Epoxy resin
10.2MAX
2.8
±0.2
4.5
±0.2
3–(2.54)
3.2
±0.1
4–(
φ1.4)
4–1.4
± 0.3
0
4–0.6
± 0.2
0.1
φ
(1.5)
(0.5)
( ) : Typical dimensions
1
2
3
4
1
2
3
4
Internal connection diagram
1
3
2
4
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ15RW21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW21 SHARP-PQ15RW21 Datasheet
76Kb / 4P
Low Power-Loss Voltage Regulators
More results

Similar Description - PQ15RW21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
65Kb / 6P
Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com