Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XH02ZP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ070XH02ZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XH02ZP Datasheet(HTML) 1 Page - Sharp Corporation

  PQ070XH02ZP Datasheet HTML 1Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 2Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 3Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 4Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 5Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ070XH02Z Series
PQ070XH02Z Series
Low Voltage Operation Low Power-Loss Voltage Regulator
s Outline Dimensions
(Unit : mm)
s Features
q
Low voltage operation (Minimum operating voltage: 2.35V)
2.5V input
→ available 1.5 to 1.8V output
q
Large output current type (IO: 2A)
q
Low dissipation current
(Quiescent current: MAX. 2mA
Output OFF-state dissipation current: MAX. 5µA)
q
Low power-loss
q
Built-in overcurrent and overheat protection functions
q
TO-263 surface mount package
s Applications
q
Personal computers and peripheral equipment
q
Power supplies for various digital electronic equipment such
as DVD player or STB
q
Power supplies for automotive equipment such as car
navigation system.
s Model Line-up
•Please refer to the chapter " Handling Precautions ".
s Absolute Maximum Ratings
2A
Package
type
Taping
Sleeve
Variable
output type
PQ070XH02ZP
PQ070XH02ZZ
Output
current(IO)
(Ta=25˚C)
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇3
Symbol
VIN
VC
IO
PD
Tj
Topr
Tstg
Tsol
Rating
10
10
2
35
150
–40 to +85
–40 to +150
260(10s)
Unit
V
V
Output adjustment terminal voltage
❇1
VADJ
5V
A
W
˚C
˚C
˚C
˚C
Parameter
❇1 All are open except GND and applicable terminals.
❇2 PD:With infinite heat sink
❇3 Overheat protection may operate at 125 <=Tj<=150˚C.
DC input (VIN)
ON/OFF control (VC)
DC output (VO)
Output voltage
adjustment(VADJ)
GND
DC output (VO)
10.6
MAX.
1.05
4–(1.7)
3.5
±0.5
1.05
0.9
0.9
0.9
(0.6)
(0.6)
3.28
±0.5
(0.6)
(0.45)
1
5
4
3
2
6
1
2
3
4
5
6
(Heat sink is
common to
.)
3
2
4
5
3
1
VIN
GND
GND
OUT
R1
R2
AMP
VADJ
ON/OFF
Control
ON/OFF
control circuit
Control
circuit
Overheat
protection
Overcurrent
protection
Reference
voltage
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ070XH02ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - PQ070XH02ZP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZXH SHARP-PQ070XZ5MZXH Datasheet
173Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com