Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XH02ZP Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ070XH02ZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XH02ZP Datasheet(HTML) 4 Page - Sharp Corporation

  PQ070XH02ZP Datasheet HTML 1Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 2Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 3Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 4Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 5Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ070XH02Z Series
Fig.13 Power Dissipation vs. Ambient
Temperature
Fig.9
ON-OFF Control Voltage vs. junction
Temperature
Fig.10 Quiescent Current vs. Junction
Temperature
Fig.11 Ripple Rejection vs. Input Ripple
Frequency
Fig.12 Ripple Rejection vs. Output Current
Junction temperature Tj (˚C)
–50
0
–25
25
50
75
100 125
0
2.5
2
1.5
1
0.5
VIN=5V
R1=1k
Ω, R2=1.4kΩ
IO=0A, CIN=100
µF, CO=100µF
Junction temperature Tj (˚C)
–50
0
–25
25
50
75
100 125
0
2
1.5
1
0.5
VIN=5V, R1=1k
Ω, R2=1.4kΩ
VC=2.7V, IO=0A, CIN=100
µF
CO=100
µF
Input ripple frequency f (kHz)
0.1
1
10
100
0
80
70
60
50
40
30
20
10
ei(rms)=0.5V, VIN=VO(TYP)+2V
VC=2.7V,IO=0.5A, CO=47
µF, Ta=25˚C
R1=1k
Ω, R2=1.4kΩ (VO=3V)
Output current IO (A)
0.0
0.6
0.4
0.2
1.4
1.2
1.0
0.8
1.6 1.8 2.0
30
80
75
70
65
60
55
50
45
35
40
ei(rms)=0.5V, f=120Hz
VIN=VO(TYP)+2V
VC=2.7V,CO=47
µF, Ta=25˚C
R1=1k
Ω, R2=1.4kΩ (VO=3V)
Ambient temperature Ta (˚C)
–40
–20
0
20406080
0
6
5
4
3
2
1
Cu area 115mm2
Cu area 400mm2
Cu area 900mm2
Cu area 3 600mm2
Material
: Glass-cloth epoxy resin
Size
: 60
×60×1.6mm
Cu thickness : 65
µm
PWB
PWB
Cu



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com