Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC166A Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74LVC166A
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166A Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC166A Datasheet HTML 15Page - Texas Instruments SN74LVC166A Datasheet HTML 16Page - Texas Instruments SN74LVC166A Datasheet HTML 17Page - Texas Instruments SN74LVC166A Datasheet HTML 18Page - Texas Instruments SN74LVC166A Datasheet HTML 19Page - Texas Instruments SN74LVC166A Datasheet HTML 20Page - Texas Instruments SN74LVC166A Datasheet HTML 21Page - Texas Instruments SN74LVC166A Datasheet HTML 22Page - Texas Instruments SN74LVC166A Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
8.4.2 Layout Example
1
2
3
4
5
6
7
16
15
14
13
12
11
10
SER
A
C
D
GND
VCC
SH/LD
H
G
F
E
GND
VCC
QH
B
0.1
F
Unused input
tied to GND
Bypass capacitor
placed close to the
device
Avoid 90° corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused
inputs tied to
VCC
CLK
CLR
8
9
CLK INH
Figure 8-3. Example Layout for the SN74LVC166A
SN74LVC166A
SCLSA15 – MAY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com