Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500HD Datasheet(PDF) 2 Page - STMicroelectronics

Part # DMV1500HD
Description  DAMPER MODULATION DIODE FOR CRT TV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500HD Datasheet(HTML) 2 Page - STMicroelectronics

  DMV1500HD Datasheet HTML 1Page - STMicroelectronics DMV1500HD Datasheet HTML 2Page - STMicroelectronics DMV1500HD Datasheet HTML 3Page - STMicroelectronics DMV1500HD Datasheet HTML 4Page - STMicroelectronics DMV1500HD Datasheet HTML 5Page - STMicroelectronics DMV1500HD Datasheet HTML 6Page - STMicroelectronics DMV1500HD Datasheet HTML 7Page - STMicroelectronics DMV1500HD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMV1500HD
2/8
Table 3: Absolute Maximum Ratings
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the maximum conduction losses of the DAMPER and MODULATION diodes use the following equations:
DAMPER: P = 1.05 x IF(AV) + 0.05 x IF
2
(RMS)
MODULATION: P = 0.89 x IF(AV) + 0.055 x IF
2
(RMS)
Table 6: Recovery Characteristics
Symbol
Parameter
Value
Unit
Damper
Modul.
VRRM
Repetitive peak reverse voltage
1500
600
V
IFpeak
Peak working forward current
F = 56kHz
12
12
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
75
50
A
Tstg
Storage temperature range
-40 to +150
°C
Tj
Maximum operating junction temperature
150
°C
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case thermal resistance
3.8
°C/W
Symbol
Parameter
Test conditions
Value
Unit
Tj = 25°C
Tj = 125°C
Typ.
Max.
Typ.
Max.
IR *
Reverse leakage current
Damper
VR = 1500 V
100
100
1000
µA
Modul.
VR = 600 V
33
30
VF **
Forward voltage drop
Damper
IF = 6 A
1.1
1.6
1
1.35
V
Modul.
IF = 6 A
1.15
1.4
1
1.25
Symbol
Parameter
Test conditions
Value
Unit
Damper
Modul.
Typ.
Max.
Typ.
Max.
trr
Reverse recovery time
IF = 100mA
IR =100mA
Irr = 10mA
Tj = 25°C 1000
250
400
ns
IF = 1A
dIF/dt = -50 A/µs
VR =30V
Tj = 25°C
150
250
60
85



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com