Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500HD Datasheet(PDF) 3 Page - STMicroelectronics

Part # DMV1500HD
Description  DAMPER MODULATION DIODE FOR CRT TV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500HD Datasheet(HTML) 3 Page - STMicroelectronics

  DMV1500HD Datasheet HTML 1Page - STMicroelectronics DMV1500HD Datasheet HTML 2Page - STMicroelectronics DMV1500HD Datasheet HTML 3Page - STMicroelectronics DMV1500HD Datasheet HTML 4Page - STMicroelectronics DMV1500HD Datasheet HTML 5Page - STMicroelectronics DMV1500HD Datasheet HTML 6Page - STMicroelectronics DMV1500HD Datasheet HTML 7Page - STMicroelectronics DMV1500HD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMV1500HD
3/8
Table 7: Turn-On Switching Characteristics
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
tfr
Forward recovery time
Damper
IF = 6 A
dIF/dt = 80 A/µs
VFR = 3 V
Tj = 100°C
330
470
ns
Modul.
IF = 6 A
dIF/dt = 80 A/µs
VFR = 2 V
Tj = 100°C
85
125
VFP
Peak forward voltage
Damper
IF = 6 A
dIF/dt = 80 A/µs
Tj = 100°C
21
29
V
Modul.
IF = 6 A
dIF/dt = 80 A/µs
Tj = 100°C
57.5
Figure 1: Power dissipation versus peak
forward current (triangular waveform,
δ=0.45)
Figure 2: Average forward current versus
ambient temperature
Figure 3: Forward voltage drop versus forward
current (damper diode)
Figure 4: Forward voltage drop versus forward
current (modulation diode)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
01
234
567
8
9
10
11
12
P
(W)
F(AV)
DAMPER diode
MODULATION diode
I (A)
P
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
I
(A)
F(AV)
DAMPER diode
MODULATION diode
R=
th(j-a) Rth(j-c)
T
(°C)
amb
T
δ=tp/T
tp
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I
(A)
FM
V
(V)
FM
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
0
1
2
3
4
5
6
7
8
9
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I
(A)
FM
V
(V)
FM
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com