Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66371 Datasheet(PDF) 1 Page - EPCOS

Part # B66371
Description  E 70/33/32 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66371 Datasheet(HTML) 1 Page - EPCOS

  B66371 Datasheet HTML 1Page - EPCOS B66371 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
434 08/01
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,22 mm–1
le
= 149 mm
Ae
= 683 mm2
Amin = 676 mm2
Ve
= 102 000 mm3
Approx. weight 514 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,20 mm < s < 5,00 mm
K3, K4: 290 nH < AL < 2880 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
8850 + 30/– 20 % 1530 7200
< 19,00
(200 mT, 25 kHz, 100 °C)
B66371-G-X127
N87
9700 + 30/– 20 % 1700 7200
< 9,50
(100 mT, 100 kHz, 100 °C)
B66371-G-X187
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
1,50
± 0,05
655
113
B66371-G1500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
903
– 0,789
1568
– 0,847
1470
– 0,865
N87
903
– 0,789
1485
– 0,796
1438
– 0,873
B66371
Core
E 70/33/32


Similar Part No. - B66371

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66371 EPCOS-B66371 Datasheet
115Kb / 4P
Ferrites and accessories
B66371 EPCOS-B66371 Datasheet
238Kb / 8P
Ferrites and accessories
B66371G0000X127 EPCOS-B66371G0000X127 Datasheet
115Kb / 4P
Ferrites and accessories
B66371G0000X127 EPCOS-B66371G0000X127 Datasheet
238Kb / 8P
Ferrites and accessories
logo
TDK Electronics
B66371G0000X127 TDK-B66371G0000X127 Datasheet
397Kb / 8P
Ferrites and accessories
More results

Similar Description - B66371

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8795 ZARLINK-SP8795 Datasheet
269Kb / 6P
225MHz 32/33 TWO MODULUS DIVIDER
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
EPCOS
B65945 EPCOS-B65945 Datasheet
82Kb / 2P
P Core Half 70 횞 14,5 Core and Accessories
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
E 32/16/9 (EF 32) Core
B66233 EPCOS-B66233 Datasheet
77Kb / 2P
E 32/16/11 Core
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66387 EPCOS-B66387 Datasheet
79Kb / 2P
E 65/32/27 Core
logo
Ferroxcube Internationa...
CPH-E71-1S FERROXCUBE-CPH-E71-1S Datasheet
70Kb / 2P
Dimensions for product: E71/33/32
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com