Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB9079 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAB9079
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAB9079 Datasheet HTML 3Page - NXP Semiconductors SAB9079 Datasheet HTML 4Page - NXP Semiconductors SAB9079 Datasheet HTML 5Page - NXP Semiconductors SAB9079 Datasheet HTML 6Page - NXP Semiconductors SAB9079 Datasheet HTML 7Page - NXP Semiconductors SAB9079 Datasheet HTML 8Page - NXP Semiconductors SAB9079 Datasheet HTML 9Page - NXP Semiconductors SAB9079 Datasheet HTML 10Page - NXP Semiconductors SAB9079 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
2000 Jan 13
7
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
AD5
82
O
memory address output bit 5 (CMOS levels)
AD4
83
O
memory address output bit 4 (CMOS levels)
n.c.
84
−
not used in application
VDDD(C4)
85
S
digital supply voltage 4 for core (3.3 V); note 3
VSSD(C4)
86
S
digital ground 4 for core; note 4
VSSD(C5)
87
S
digital ground 5 for core; note 4
VDDD(C5)
88
S
digital supply voltage 5 for core (3.3 V); note 3
VDDD(P5)
89
S
digital supply voltage 5 for periphery (5.0 V); note 2
VSSD(P5)
90
S
digital ground 5 for periphery; note 1
VDDA(SH)
91
S
supply of sub HSYNC input (5.0 V)
VSSA(SP)
92
S
analog ground for sub channel PLL
VDDA(SP)
93
S
analog supply voltage for sub channel PLL (3.3 V)
SHSYNC
94
I
horizontal sync input for sub channel (CMOS levels with hysteresis)
SVSYNC
95
I
vertical sync input for sub channel (CMOS levels with hysteresis)
TSCLK
96
I
test clock input for sub (CMOS levels)
TSMSB
97
O
test sub MSB output for PLL counter (CMOS levels)
TSEXT
98
I
set sub PLL input for external mode (CMOS levels)
VDDA(SA)
99
S
analog supply voltage for sub channel ADCs (3.3 V)
VSSA(SA)
100
S
analog ground for sub channel ADCs
SV
101
I
analog V input of sub channel
VDDA(SF)
102
S
analog supply voltage for sub channel frontend (3.3 V)
SU
103
I
analog U input of sub channel
Vbias(SA)
104
I/O
analog bias reference input for sub channel ADCs
SY
105
I
analog Y* input of sub channel
Vref(B)(SA)
106
I/O
analog bottom reference for sub channel ADCs
Vref(T)(SA)
107
I/O
analog top reference for sub channel ADCs
VSSD(C6)
108
S
digital ground 6 for core; note 4
VDDD(C6)
109
S
digital supply voltage 6 for core (3.3 V); note 3
TCBC
110
I
test control block clock input (CMOS levels)
TCBD
111
I
test control block data input (CMOS levels)
TCBR
112
I
test control block reset input (CMOS levels)
VDDD(P)
113
S
digital supply voltage for periphery (5.0 V); note 5
A0
114
I
address select pin input (I2C-bus) (CMOS levels)
SDA
115
I/O
serial input data/ACK output (I2C-bus) (CMOS input levels)
SCL
116
I
serial clock input (I2C-bus) (CMOS levels)
POR
117
I
power-on reset input (CMOS levels with hysteresis and pull-up resistor to VDD)
TC
118
I
test control input (CMOS levels)
TM1
119
I/O
test mode input/output (CMOS levels with hysteresis and pull-up resistor to VDD)
TM2
120
I/O
test mode input/output (CMOS levels with hysteresis and pull-up resistor to VDD)
TM0
121
I
test mode input (CMOS levels)
VDDD(C7)
122
S
digital supply voltage 7 for core (3.3 V); note 3
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com