Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB9079 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SAB9079
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SAB9079 Datasheet HTML 31Page - NXP Semiconductors SAB9079 Datasheet HTML 32Page - NXP Semiconductors SAB9079 Datasheet HTML 33Page - NXP Semiconductors SAB9079 Datasheet HTML 34Page - NXP Semiconductors SAB9079 Datasheet HTML 35Page - NXP Semiconductors SAB9079 Datasheet HTML 36Page - NXP Semiconductors SAB9079 Datasheet HTML 37Page - NXP Semiconductors SAB9079 Datasheet HTML 38Page - NXP Semiconductors SAB9079 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
2000 Jan 13
35
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
DIGITAL CHARACTERISTICS
All VDDD(C) pins = 3.0 to 3.6 V; Tamb =0to70 °C; unless otherwise specified.
Note
1. The internal system frequencies are 3584, 1792, 896 and 448 times the HSYNC input frequency.
TEST AND APPLICATION INFORMATION
TV application with insertion before 100 Hz feature box (double window)
In the 100 Hz application the deflection circuit operates at 100 Hz. The PIP data is inserted into the main decoder output
stream and fed to the feature box. The double window feature is made at 1Fh and the field rate is doubled in the feature
box. The internal synchronization is illustrated in Fig.9.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYPE
MAX.
UNIT
DC characteristics
VIH
HIGH-level input voltage
70
−−
%VDDD
VIL
LOW-level input voltage
−−
30
%VDDD
Vhys
hysteresis voltage
−
30
−
%VDDD
VOH
HIGH-level output voltage
VDDD(P) − 0.4
−−
V
VOL
LOW-level output voltage
−−
0.4
V
I
LI
input leakage current
VDDD = 3.6 V
−
0.1
1
µA
IOZ
3-state input leakage
current
VDDD = 3.6 V
−
0.2
1
µA
Rpu
internal pull-up resistor
23
50
80
k
Ω
AC characteristics
fsys
system frequency
note 1
−
3584xHSYNC
kHz
tr
rise time
−
625
ns
tf
fall time
−
625
ns
handbook, full pagewidth
MGS829
Y*UV
MAIN AND
DISPLAY
SUB
DECODER
HV
DECODER
SWITCH
Y*UV
FEATURE
BOX
HV
Y*UV
HV
HV
Y*UV/RGB
FBL
Fig.9 1Fh/1Fv application with insertion before the feature box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com