| Electronic Components Datasheet Search |
|
LAN8804 Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804 Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 91 page ![]() LAN8804 © 2024 Microchip Technology Inc. and its subsidiaries DS00003591G-page 31 This circuit is disabled in 10BASE-T/100BASE-TX mode. 5.2.4 TIMING RECOVERY CIRCUIT In 1000BASE-T mode, the mixed-signal clock recovery circuit together with the digital PLL is used to recover and track the incoming timing information from the received data. The digital PLL has very low long-term jitter to maximize the signal-to-noise ratio of the receive signal. The 1000BASE-T slave PHY must transmit the exact receive clock frequency recovered from the received data back to the 1000BASE-T master PHY. Otherwise, the master and slave will not be synchronized after long transmission. This also helps to facilitate echo cancellation and NEXT removal. 5.2.5 ADAPTIVE EQUALIZER In 1000BASE-T mode, the adaptive equalizer provides the following functions: • Detection for partial response signaling • Removal of NEXT and ECHO noise • Channel equalization Signal quality is degraded by residual echo that is not removed by the analog hybrid because of impedance mismatch. The device uses a digital echo canceler to further reduce echo components on the receive signal. In 1000BASE-T mode, data transmission and reception occurs simultaneously on all four pairs of wires (four channels). This results in high-frequency cross-talk coming from adjacent wires. The device uses three NEXT cancelers on each receive channel to minimize the cross-talk induced by the other three channels. In 10BASE-T/100BASE-TX mode, the adaptive equalizer needs only to remove the inter-symbol interference and recover the channel loss from the incoming data. 5.2.6 TRELLIS ENCODER AND DECODER In 1000BASE-T mode, the transmitted 8-bit data is scrambled into 9-bit symbols and further encoded into 4D-PAM5 symbols. The initial scrambler seed is determined by the specific PHY address to reduce EMI when more than one device is used on the same board. On the receiving side, the idle stream is examined first. The scrambler seed, pair skew, pair order, and polarity must be resolved through the logic. The incoming 4D-PAM5 data is then converted into 9- bit symbols and de-scrambled into 8-bit data. 5.3 Auto MDI/MDIX (Pair-Swap) The Automatic MDI/MDI-X feature eliminates the need to determine whether to use a straight cable or a crossover cable between the device and its link partner. This auto-sense function detects the MDI/MDI-X pair mapping from the link part- ner, and assigns the MDI/MDI-X pair mapping of the device accordingly. Table 5-1 shows the device 10/100/1000 pin configuration assignments for MDI/MDI-X pin mapping. TABLE 5-1: MDI/MDI-X PIN MAPPING Pin (RJ-45 Pair) MDI MDI-X 1000BASE-T 100BASE-T 10BASE-T 1000BASE-T 100BASE-T 10BASE-T TXRXP/M_A (1, 2) A+/- TX+/- TX+/- A+/- RX+/- RX+/- TXRXP/M_B (3, 6) B+/- RX+/- RX+/- B+/- TX+/- TX+/- TXRXP/M_C (4, 5) C+/- Not Used Not Used C+/- Not Used Not Used TXRXP/M_D (7, 8) D+/- Not Used Not Used D+/- Not Used Not Used |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |