Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 45Page - Microchip Technology LAN8804 Datasheet HTML 46Page - Microchip Technology LAN8804 Datasheet HTML 47Page - Microchip Technology LAN8804 Datasheet HTML 48Page - Microchip Technology LAN8804 Datasheet HTML 49Page - Microchip Technology LAN8804 Datasheet HTML 50Page - Microchip Technology LAN8804 Datasheet HTML 51Page - Microchip Technology LAN8804 Datasheet HTML 52Page - Microchip Technology LAN8804 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 49
5.16.2
GPIO INTERRUPTS
Each GPIO provides the ability to trigger a unique GPIO interrupt in the GPIO Interrupt Status Registers. Reading the
GPIO Interrupt Status Registers provides the current status of all GPIO interrupts. Each interrupt is enabled by setting
the corresponding bit in the GPIO Interrupt Enable Registers. The GPIO Controller aggregates the enabled interrupt
values into an internal signal that is sent to the main interrupt logic and is reflected via the GPIO Interrupt bit in the Chip-
level Interrupt Status register.
GPIO16
SOF2
PHYAD4
—
GPIO15
SOF0
PHYAD3
GPIO14
PORT3LED2
PHYAD2/
PORT3_LED2_POL
To enable LED operation with either a
pull-up or pull-down, LED Polarity
takes on the inverted value of the
configuration strap. Refer to Section
5.17, "LEDs" and Section 3.3.5, "LED
Polarity (PORT[3:0]_LED[2:1]_POL)"
for additional information.
GPIO13
PORT3LED1
PHYAD1/
PORT3_LED1_POL
GPIO12
PORT0LED2
PHYAD0/
PORT0_LED2_POL
GPIO11
PORT0LED1
LED_MODE/
PORT0_LED1_POL
GPIO10
—
—
—
GPIO9
—
GPIO8
—
GPIO7
—
GPIO6
—
MODE_SEL4
GPIO5
—
MODE_SEL3
GPIO4
—
MODE_SEL2
GPIO3
—
MODE_SEL1
GPIO2
—
—
GPIO1
—
MODE_SEL0
GPIO0
—
ALLPHYAD
Note:
The following must be considered when using GPIOs:
• Configuring a pin as a GPIO input automatically enables an internal pull-up.
• Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal resistors to
drive signals external to the device. When connected to a load that must be pulled high, an external
resistor must be added.
• Configuring a pin as a GPIO output automatically disables the internal pull-up. Open-drain outputs
may require an external pull-up depending on the application.
TABLE 5-7:
GPIO ALTERNATE FUNCTIONS (CONTINUED)
GPIO
Alternate Function
Configuration Strap
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com