| Electronic Components Datasheet Search |
|
CD74ACT138 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74ACT138 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 30 page ![]() 6 Detailed Description 6.1 Overview When employed with high-speed memories utilizing a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are less than the typical access time of the memory. This means that the effective system delay introduced by the decoders is negligible. The conditions at the binary-select inputs and the three enable inputs select one of eight output lines. Two active-low and one active-high enable inputs reduce the need for external gates or inverters when expanding. A 24-line decoder can be implemented without external inverters, and a 32-line decoder requires only one inverter. An enable input can be used as a data input for demultiplexing applications (see Application Information). 6.2 Functional Block Diagram Figure 6-1. Logic Diagram (Positive Logic) 6.3 Device Functional Modes Table 6-1. Function Table ENABLE INPUTS SELECT INPUTS OUTPUTS G1 G2A G2B C B A Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 X H X X X X H H H H H H H H X X H X X X H H H H H H H H L X X X X X H H H H H H H H H L L L L L L H H H H H H H H L L L L H H L H H H H H H H L L L H L H H L H H H H H H L L L H H H H H L H H H H H L L H L L H H H H L H H H H L L H L H H H H H H L H H CD54ACT138, CD74ACT138 SCHS329C – JANUARY 2003 – REVISED JULY 2024 www.ti.com 8 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: CD54ACT138 CD74ACT138 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |