Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM82813PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6.6 Electrical Characteristics (continued)
Over operating junction temperature (TJ = -40 °C to +125 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS(ON)
Low-Side MOSFET ON-Resistance
VIN ≥ 5 V
15
35
mΩ
RDP
Dropout resistance
100% mode. Maximum value at VIN =
3.3V, TJ = 85°C
50
90
mΩ
ILIMH
High-Side MOSFET Current Limit (1)
TPSM82810; VIN = 3 V to 6 V
4.8
5.6
6.55
A
ILIMH
High-Side MOSFET Current Limit(1)
TPSM82813; VIN = 3V to 6 V
3.9
4.5
5.25
A
ILIMNEG
Negative Current Limit (1)
MODE/SYNC = HIGH
-1.8
A
fS
PWM Switching Frequency Range
1.8
2.25
4
MHz
fS
PWM Switching Frequency
with COMP/FSET tied to VIN or GND
2.025
2.25
2.475
MHz
PWM Switching Frequency Tolerance
using a resistor from COMP/FSET to
GND
-19%
18%
ton,min
Minimum on-time
VIN = 3.3 V
50
75
ns
toff,min
Minimum off-time
VIN = 3.3 V
30
ns
OUTPUT
VFB
Feedback Voltage Accuracy
VIN ≥ VOUT + 1 V; PWM mode
594
600
606
mV
VIN ≥ VOUT + 1 V; PFM mode
VOUT ≥ 1.5 V; COUT,eff ≥ 27μF
594
600
612
mV
1 V ≤ VOUT < 1.5 V; PFM
mode COUT,eff ≥ 47μF
594
600
615
mV
ILKG_FB
Input Leakage Current (FB pin)
VFB = 0.6 V
1
70
nA
VFB
Feedback Voltage Accuracy with
Voltage Tracking
VIN ≥ VOUT + 1 V; PWM mode
VSS/TR = 0.3 V
297
300
321
mV
Rdis
Output Discharge Resistance
30
50
Ω
tdelay
Start-up Delay Time
IOUT = 0 mA, Time from EN=high to
start switching; VIN applied already
135
200
450
µs
tramp
Ramp time; SS/TR Pin Open
IOUT = 0 mA, Time from first switching
pulse until 95% of nominal output
voltage
100
150
200
µs
(1)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay (see Current Limit And
Short Circuit Protection section).
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com