Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82813PVCAR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82813PVCAR Datasheet(HTML) 1 Page - Texas Instruments

  TPSM82813PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated
Inductor and Frequency Synchronization in QFN and MagPack™ Package
1 Features
• Adjustable and synchronizable switching
frequency of 1.8MHz to 4MHz
• Two package types
– μSIL 14-pin with 2.4mm maximum height
– EMI reduced MagPack 13-pin with 2.0mm
maximum height
• Spread spectrum clocking - optional
• Selectable forced PWM or PFM/PWM operation
• Output voltage accuracy ±1% (PWM operation)
• 2.75V to 6V input voltage range
• 0.6V to 5.5V output voltage range
• Adjustable soft start or tracking
• Power-good output with window comparator
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• Optimized for low EMI
– MagPack shielded package available
– Eliminated bond wires
– Optimized pinout for simple PCB layout
• 100% duty cycle
• Output discharge
• 15µA typical quiescent current
• Excellent thermal performance
• –40°C to 125°C operating temperature range
• Create a custom design using the TPSM828303
with the WEBENCH® Power Designer
2 Applications
• Optical modules, data center interconnect
• Signal measurement, source generation,
instrumentation
• Patient monitoring and diagnostics
• Wireless infrastructure
• Ruggedized Communication: sensors, imaging,
and radar
3 Description
TPSM8281x is a family of pin-to-pin, 3A and
4A compatible, high-efficiency, and easy to use
synchronous step-down DC/DC power modules with
integrated inductors. The devices are based on a
fixed-frequency peak current-mode control topology
and they support high power density requirements
for telecommunication, test and measurement, and
medical applications. Low resistance switches allow
up to 4A continuous output current at high ambient
temperatures. The switching frequency is externally
adjustable from 1.8MHz to 4MHz and can also
be synchronized to an external clock in the
same frequency range. In PFM/PWM mode, the
TPSM8281x maintains high efficiency across the
whole load range. The TPSM8281x provide 1%
output voltage accuracy in PWM mode, which enables
designing power supplies with high output voltage
accuracy. The SS/TR pin helps limiting inrush current
through a precise start-up ramp. It also supports
sequencing by tracking the output voltage to an
external source. The family is available in a 14-pin
μSIL package with nominal 3.0mm × 4.0mm footprint
and in a 13-pin MagPack package with nominal
2.5mm × 3.0mm footprint.
Device Information
PART
NUMBER(3)
OUTPUT
CURRENT
PACKAGE(1)
PACKAGE SIZE(2)
TPSM82810
4A
SIL (µSiL, 14)
3.0mm × 4.0mm
TPSM82813
3A
SIL (µSiL, 14)
3.0mm × 4.0mm
VCA (QFN, 13)(4)
2.5mm × 3.0mm
TPSM82812(5)
2A
VCA (QFN, 13)
2.5mm × 3.0mm
TPSM82811(5)
1A
(1)
For more information, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
See the Device Comparison Table.
(4)
Advance information (not production data).
(5)
Preview information (not production data).
Schematic
Output Current (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
1
100m
10m
1m
100u
10u
D002
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
Efficiency vs Output Current; VIN = 3.3V;
PFM; VCA Package; TA = 25°C
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPSM82813PVCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82813PVCAR TI2-TPSM82813PVCAR Datasheet
2Mb / 40P
TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
REVISED JUNE 2026
TPSM82813PVCAR.A TI2-TPSM82813PVCAR.A Datasheet
2Mb / 40P
TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
REVISED JUNE 2026
More results

Similar Description - TPSM82813PVCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
logo
Monolithic Power System...
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Texas Instruments
TPSM82816 TI-TPSM82816 Datasheet
1Mb / 30P
TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com