Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C94 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 15Page - NXP Semiconductors SC68C94 Datasheet HTML 16Page - NXP Semiconductors SC68C94 Datasheet HTML 17Page - NXP Semiconductors SC68C94 Datasheet HTML 18Page - NXP Semiconductors SC68C94 Datasheet HTML 19Page - NXP Semiconductors SC68C94 Datasheet HTML 20Page - NXP Semiconductors SC68C94 Datasheet HTML 21Page - NXP Semiconductors SC68C94 Datasheet HTML 22Page - NXP Semiconductors SC68C94 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
19
Table 8.
Register Bit Formats, I/O Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IPCR (Input Port Change Register ab) The lower four bits replicate the lower four bits of the IPR. The upper four bits reads state of
Change detectors. Change detectors are enabled in ACR[3:0]. (DUART ab)
DeltaI/O1b
Delta I/O0b
Delta I/O1a
Delta I/O0a
I/O1b
I/O0b
I/O1a
I/O0a
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
IPCR (Input Port Change Register cd) The lower four bits replicate the lower four bits of the IPR. The upper four bits reads state of
Change detectors. Change detectors are enabled in ACR[3:0]. (DUART cd)
Delta I/O1d
Delta I/O0d
Delta I/O1c
Delta I/O0c
I/O1d
I/O0d
I/O1c
I/O0c
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
I/OPCR (I/O Port Configuration Register) One register for each UART.
I/O3x CONTROL
I/O2x CONTROL
I/O1x CONTROL
I/O0x CONTROL
Two bits for each I/O pin.
This register controls the configuration of the I/O ports. It defines them as inputs or outputs and controls what sources will drive them in the
case of outputs or which functions they will drive when used as an input. Each pin has four functions and hence two bits to control it. Each
UART has one eight bit register to control its four I/O ports.
OPR (Output Port Register cd) for DUART cd
I/O3d
I/O2d
I/O3c
I/O2c
I/O1d
I/O0d
I/O1c
I/O0c
One bit for each pin. When I/O pins are configured as “General Purpose Outputs”
the pins will be driven to the complement value of its associated OPR bit.
OPR (Output Port Register ab) for DUART ab
I/O3b
I/O2b
I/O3a
I/O2a
I/O1b
I/O0b
I/O1a
I/O0a
One bit for each pin. When I/O pins are configured as “General Purpose Outputs”
the pins will be driven to the complement value of its associated OPR bit.
This register contains the data for the I/O ports when they are used as ’General Purpose Outputs’ . The bits of the register are controlled by
writing to the hex addresses at 0C and 1C. Ones written to the OPR drive the pins to 0; zeros drive the pins to 1. (The pins drive the value of
the complement data written to the OPR)
IPR (Input Port Register cd) Reads I/O pins for DUART cd
I/O3d
I/O2d
I/O3c
I/O2c
I/O1d
I/O0d
I/O1c
I/O0c
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
IPR (Input Port Register ab) Reads I/O pins for DUART ab
I/O3b
I/O2b
I/O3a
I/O2a
I/O1b
I/O0b
I/O1a
I/O0a
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
This register reads the state of the ’I/O Ports’. The state of the I/O ports is read regardless of being programmed as inputs or outputs.
The IPR can be thought of a just another 8 bit parallel port to the system data bus. The lower four bits of this register are replicated in the
lower four bits of the IPCR register.
I/O Port Control Channel A (IOPCRA)
IOPCR[xx]
Pin Control Bits
IOPCRa[7:6]
IOPCRa[5:4]
IOPCRa[3:2]
IOPCRa[1:0]
IOPCR[xx]
Pin Control Bits
I/O3A
I/O2A
I/O1A
I/O0A
00 = input
IPR(5), TxC in
IPR(4), RxC in
IPR(1), C/Tab Clk inNO TAG
TxC in
IPR(0), CTSN
01 = output
OPRab(5)
OPRab(4)
RTSNNO TAG if IOPCR[5:4] =
01
OPRab(1)
RTSNNO TAG if IOPCR[5:4]
≠
01
OPRab(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com