Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C94 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 16Page - NXP Semiconductors SC68C94 Datasheet HTML 17Page - NXP Semiconductors SC68C94 Datasheet HTML 18Page - NXP Semiconductors SC68C94 Datasheet HTML 19Page - NXP Semiconductors SC68C94 Datasheet HTML 20Page - NXP Semiconductors SC68C94 Datasheet HTML 21Page - NXP Semiconductors SC68C94 Datasheet HTML 22Page - NXP Semiconductors SC68C94 Datasheet HTML 23Page - NXP Semiconductors SC68C94 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
20
10 = output
TxC 16x
RxC 1x
RxC 16x
TxC 1x
11 = output
TxC 1x
RxC 16x
RxC 1x
TxC 16x
I/O Port Control Channel B (IOPCRB)
IOPCR[xx]
Pin Control Bits
IOPCRb[7:6]
IOPCRb[5:4]
IOPCRb[3:2]
IOPCRb[1:0]
IOPCR[xx]
Pin Control Bits
I/O3B
I/O2B
I/O1B
I/O0B
00 = input
IPR(7), TxC in
IPR(6), RxC in
IPR(3), TxC in
IPR(2), CTSN
01 = output
OPRab(7)
OPRab(6)
RTSNNO TAG if IOPCR[5:4] =
01
OPRab(3)
RTSNNO TAG if IOPCR[5:4]
≠
01
OPRab(2)
10 = output
TxC 16x
RxC 1x
C/T ab out
TxC 1x
11 = output
TxC 1x
RxC 16x
RxC 1x
TxC 16x
I/O Port Control Channel C (IOPCRC)
IOPCR[xx]
Pin Control Bits
IOPCRc[7:6]
IOPCRc[5:4]
IOPCRc[3:2]
IOPCRc[1:0]
IOPCR[xx]
Pin Control Bits
I/O3C
I/O2C
I/O1C
I/O0C
00 = input
IPR(5), TxC in
IPR(4), RxC in
IPR(1), C/Tcd Clk inNO TAG
TxC in
IPR(0), CTSN
01 = output
OPRcd(5)
OPRcd(4)
RTSNNO TAG if IOPCR[5:4] =
01
OPRab(1)
RTSNNO TAG if IOPCR[5:4]
≠
01
OPRcd(0)
10 = output
TxC 16x
RxC 1x
RxC 16x
TxC 1x
11 = output
TxC 1x
RxC 16x
RxC 1x
TxC 16x
I/O Port Control Channel D (IOPCRD)
IOPCR[xx]
Pin Control Bits
IOPCRd[7:6]
IOPCRd[5:4]
IOPCRd[3:2]
IOPCRd[1:0]
IOPCR[xx]
Pin Control Bits
I/O3D
I/O2D
I/O1D
I/O0D
00 = input
IPR(7), TxC in
IPR(6), RxC in
IPR(3), TxC in
IPR(2), CTSN
01 = output
OPRcd(7)
OPRcd(6)
RTSNNO TAG if IOPCR[5:4] =
01
OPRcd(3)
RTSNNO TAG if IOPCR[5:4]
≠
01
OPRcd(2)
10 = output
TxC 16x
RxC 1x
C/T cd out
TxC 1x
11 = output
TxC 1x
RxC 16x
RxC 1x
TxC 16x
The input part of the I/O pins is always active. The programming of the IOPCR bits to 00 merely turns off the out drivers and places
the pin at high impedance.
A read of the IPR register returns the value of the IPR bits as shown above. IPR(5) is at bit position 5 of the data bus. Note that the IPR bit
positions do not follow the 0, 1, 2, 3 order of the I/O ports. During a read of the IPR the I/O ports are not latched. Therefore, it is possible to see
changing data during the read. Port pins that have clocks on them may not yield valid data during the read.
Since the input circuits of the I/O ports are always active it is possible to direct the port signal back into the port. For example: I/O1 will output
the RTS signal. Setting the Counter/Timer (C/T) to be clocked by the I/O1 port will result in the counter counting the number of times RTS goes
active. The change of state detectors on I/O0 and I/O1 will, when programmed, always be sensitive to the signal on the port regardless of the
source of that port’s signal.
NOTES:
1. Normal configurations place RTSN output on I/O1 and place Tx external clock input on I/O3. For the 48 pin Dual In-Line package, I/O3 is
not available. The following options allow flexible I/O programming with the 48 pin package:
When IOPCR(7:6), the I/O3 control,
≠ 00, then I/O1 becomes available to the transmitter as an external clock.
When IOPCR(5:4), the I/O2 control, = 01, then I/O2 may be the RTSN signal if MR1(7) = 1 and OPR(4) = 1.
2. I/O1 becomes RTSN when IOPCR(3:2) = 01 and MR1(7) = 1 and OPR(1) = 1. (OPR(3) for channel B)
Registers of the Interrupt System
The CIR, and “Global” registers are updated with the IACKN signal
or from the “Update CIR” command at hex address 2A. These
registers are not updated when IRQN is asserted since there could
be a long time between the assertion of IRQN and the start of the
interrupt service routine. (See notes following this section).
Current Interrupt Register (CIR)
# Bytes
Type
Chan #
3
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com