Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL208 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # RL208
Description  2.0A HIGH VOLTAGE STANDARD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RL208 Datasheet(HTML) 1 Page - Won-Top Electronics

  RL208 Datasheet HTML 1Page - Won-Top Electronics RL208 Datasheet HTML 2Page - Won-Top Electronics RL208 Datasheet HTML 3Page - Won-Top Electronics RL208 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RL208
1 of 4
© 2006 Won-Top Electronics
Pb
RL208
2.0A HIGH VOLTAGE STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RL208
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1300
V
RMS Reverse Voltage
VR(RMS)
910
V
Average Rectified Output Current (Note 1)
@TA = 75°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
70
A
Forward Voltage
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
20
pF
Typical Thermal Resistance Junction to Ambient (Note 1)
RJA
40
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
—
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - RL208

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RL208 WTE-RL208 Datasheet
53Kb / 4P
2.0A STANDARD DIODE
September, 2012
logo
Yangzhou yangjie electr...
RL208G YANGJIE-RL208G Datasheet
212Kb / 4P
General Purpose Rectifier
Rev.1.1,30-Jan-21
More results

Similar Description - RL208

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
1.0A HIGH VOLTAGE STANDARD DIODE
BY255 WTE-BY255 Datasheet
62Kb / 4P
3.0A HIGH VOLTAGE STANDARD DIODE
HER201 WTE-HER201_06 Datasheet
58Kb / 4P
2.0A ULTRAFAST DIODE
RL201 WTE-RL201_06 Datasheet
48Kb / 4P
2.0A STANDARD DIODE
S2A WTE-S2A_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S2AA WTE-S2AA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
T2A05 TAITRON-T2A05 Datasheet
204Kb / 4P
2.0A Standard Rectifier
logo
GETAI ELECTRONICS DEVIC...
BR2 GETEDZ-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
HVRM4 GETEDZ-HVRM4 Datasheet
71Kb / 1P
4.0kV 2.0A HIGH VOLTAGE DIODE
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com